Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFC233626472 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce BFC233626472
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233626472 Fiches technique(HTML) 5 Page - Vishay Siliconix

  BFC233626472 Datasheet HTML 1Page - Vishay Siliconix BFC233626472 Datasheet HTML 2Page - Vishay Siliconix BFC233626472 Datasheet HTML 3Page - Vishay Siliconix BFC233626472 Datasheet HTML 4Page - Vishay Siliconix BFC233626472 Datasheet HTML 5Page - Vishay Siliconix BFC233626472 Datasheet HTML 6Page - Vishay Siliconix BFC233626472 Datasheet HTML 7Page - Vishay Siliconix BFC233626472 Datasheet HTML 8Page - Vishay Siliconix BFC233626472 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MKP336 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 18-Dec-12
5
Document Number: 28120
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height; P0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
ELECTRICAL DATA AND ORDERING CODE - PITCH 15 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1)(2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
310
PITCH = 15 mm ± 0.4 mm; dt = 0.60 ± 0.06 mm; C-TOL. = ± 20 %
0.010
5.0 x 11.0 x 17.5
0.98
29001
29273
1000
29097
1000
29004
1100
0.015
29011
29274
29071
29014
0.022
29021
29275
29076
29024
0.033
29031
29276
29082
29034
0.047
20473
29142
26473
23473
0.068
20683
29143
26683
23683
0.10
20104
29144
26104
23104
900
0.15
6.0 x 12.0 x 17.5
1.4
20154
29145
26154
500
23154
650
PITCH = 15 mm ± 0.4 mm; dt = 0.80 ± 0.08 mm; C-TOL. = ± 20 %
0.22
7.0 x 13.5 x 17.5
1.8
20224
29146
500
26224
500
23224
600
PITCH = 15 mm ± 0.4 mm; dt = 0.60 ± 0.06 mm; C-TOL. = ± 10 %
0.010
5.0 x 11.0 x 17.5
0.98
29002
29281
1000
29066
1000
29005
1100
0.012
29007
-
29068
29009
0.015
29012
29282
29072
29015
0.018
29017
-
29074
29019
0.022
29022
29283
29077
29025
0.027
29027
-
29079
29029
0.033
29032
29284
29083
29035
0.039
21393
-
27393
24393
0.047
21473
29165
27473
24473
0.056
21563
-
27563
24563
0.068
21683
29166
27683
24683
900
0.082
21823
-
27823
24823
0.10
21104
29167
27104
500
24104
800
0.12
6.0 x 12.0 x 17.5
1.4
21124
-
27124
24124
650
0.15
21154
29168
27154
24154
PITCH = 15 mm ± 0.4 mm; dt = 0.80 ± 0.08 mm; C-TOL. = ± 10 %
0.18
7.0 x 13.5 x 17.5
1.8
21184
-
500
27184
500
24184
600
0.22
21224
29169
27224
24224
PITCH = 15 mm ± 0.4 mm; dt = 0.60 ± 0.06 mm; C-TOL. = ± 5 %
0.010
5.0 x 11.0 x 17.5
0.98
29003
-
1000
29067
1000
29006
1100
0.012
29008
-
29069
29061
0.015
29013
-
29073
29016
0.018
29018
-
29075
29062
0.022
29023
-
29078
29026
0.027
29028
-
29081
29063
0.033
29033
-
29084
29036
0.039
22393
-
28393
25393
0.047
22473
-
28473
25473
0.056
22563
-
28563
25563
0.068
22683
-
28683
25683
900
0.082
22823
-
28823
25823
0.10
22104
-
28104
500
25104
800
0.12
6.0 x 12.0 x 17.5
1.4
22124
-
28124
25124
650
0.15
22154
-
28154
25154
PITCH = 15 mm ± 0.4 mm; dt = 0.80 ± 0.08 mm; C-TOL. = ± 5 %
0.18
7.0 x 13.5 x 17.5
1.8
22184
-
500
28184
500
25184
600


Numéro de pièce similaire - BFC233626472

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BFC2336264 VISHAY-BFC2336264 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
More results

Description similaire - BFC233626472

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com