Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFC233629094 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce BFC233629094
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233629094 Fiches technique(HTML) 4 Page - Vishay Siliconix

  BFC233629094 Datasheet HTML 1Page - Vishay Siliconix BFC233629094 Datasheet HTML 2Page - Vishay Siliconix BFC233629094 Datasheet HTML 3Page - Vishay Siliconix BFC233629094 Datasheet HTML 4Page - Vishay Siliconix BFC233629094 Datasheet HTML 5Page - Vishay Siliconix BFC233629094 Datasheet HTML 6Page - Vishay Siliconix BFC233629094 Datasheet HTML 7Page - Vishay Siliconix BFC233629094 Datasheet HTML 8Page - Vishay Siliconix BFC233629094 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MKP336 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 18-Dec-12
4
Document Number: 28120
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height; P0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
310
PITCH = 10.0 mm ± 0.4 mm; dt = 0.6 mm ± 0.06 mm; C-TOL. = ± 10 %
0.0027
4.0 x 10.0 x 12.5
0.6
21272
-
1000
27272
1000
24272
1100
0.0033
21332
29157
27332
24332
0.0039
21392
-
27392
24392
0.0047
21472
29158
27472
24472
0.0056
21562
-
27562
24562
0.0068
21682
29159
27682
24682
0.0082
21822
-
27822
24822
0.010
21103
29161
27103
24103
0.012
21123
-
27123
24123
0.015
21153
29162
27153
24153
0.018
21183
-
27183
24183
0.022
21223
29163
27223
24223
0.027
21273
-
750
27273
750
24273
900
0.033
21333
29164
27333
24333
PITCH = 10.0 mm ± 0.4 mm; dt = 0.6 mm ± 0.06 mm; C-TOL. = ± 5 %
0.0010
4.0 x 10.0 x 12.5
0.6
22102
-
1000
28102
1250
25102
1400
0.0012
22122
-
28122
25122
0.0015
22152
-
28152
25152
0.0018
22182
-
28182
25182
0.0022
22222
-
28222
25222
0.0027
22272
-
28272
1000
25272
1100
0.0033
22332
-
28332
25332
0.0039
22392
-
28392
25392
0.0047
22472
-
28472
25472
0.0056
22562
-
28562
25562
0.0068
22682
-
28682
25682
0.0082
22822
-
28822
25822
0.010
22103
-
28103
25103
0.012
22123
-
28123
25123
0.015
22153
-
28153
25153
0.018
22183
-
28183
25183
0.022
22223
-
28223
25223
0.027
22273
-
750
28273
750
25273
900
0.033
22333
-
28333
25333
ELECTRICAL DATA AND ORDERING CODE - PITCH 10 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1)(2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ


Numéro de pièce similaire - BFC233629094

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BFC2336202 VISHAY-BFC2336202 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC2336203 VISHAY-BFC2336203 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC2336204 VISHAY-BFC2336204 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC2336205 VISHAY-BFC2336205 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
More results

Description similaire - BFC233629094

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com