Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5544JX-75.0M-T1K Fiches technique(PDF) 8 Page - Pletronics, Inc.

No de pièce SM5544JX-75.0M-T1K
Description  SM55J Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544JX-75.0M-T1K Fiches technique(HTML) 8 Page - Pletronics, Inc.

  SM5544JX-75.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5544JX-75.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SM55J Series 1.8 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
8
IM PORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to m ake corrections, im provem ents, m odifications and
other changes to this product at anytim e. PLE reserves the right to discontinue any product or service
without notice. Custom ers are responsible for obtaining the latest relevant inform ation before placing
orders and should verify that such inform ation is current and com plete. All products are sold subject to
PLE’s term s and conditions of sale supplied at the tim e of order acknowledgm ent.
PLE warrants perform ance of this product to the specifications applicable at the tim e of sale in accordance
with PLE’s lim ited warranty. Testing and other quality control techniques are used to the extent PLE
deem s necessary to support this warranty. Except where m andated by specific contractual docum ents,
testing of all param eters of each product is not necessarily perform ed.
PLE assum es no liability for application assistance or custom er product design. Custom ers are
responsible for their products and applications using PLE com ponents. To m inim ize the risks associated
with the custom er products and applications, custom ers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or system s or other critical applications that m ay involve potential risks of death,
personal injury or severe property or environm ental dam age. Inclusion of PLE products in such
applications is understood to be fully at the risk of the custom er. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or im plied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any com bination, m achine or
process which PLE product or services are used. Inform ation published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a
warranty or endorsem ent thereof. Use of such inform ation m ay require a license from a third party under
the patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of inform ation in PLE data sheets or web site is perm issible only if the reproduction is
without alteration and is accom panied by associated warranties, conditions, lim itations and notices.
Reproduction of this inform ation with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered docum ents.
Resale of PLE products or services with statem ents different from or beyond the param eters stated by
PLE for that product or service voids all express and im plied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statem ents.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36 Ave. W est
Fax: 425-776-2760
th
Lynnwood, W A 98036-5761
USA
E-m ail: ple-sales@ pletronics.com
URL: www.pletronics.com
Copyright © 2010, Pletronics Inc.


Numéro de pièce similaire - SM5544JX-75.0M-T1K

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T500 PLETRONICS-SM5544JCV-75.0M-T500 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
More results

Description similaire - SM5544JX-75.0M-T1K

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5545JW-750M-T250 PLETRONICS-SM5545JW-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com