Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5510LW-24.0M-T250 Fiches technique(PDF) 5 Page - Pletronics, Inc.

No de pièce SM5510LW-24.0M-T250
Description  SM55L Series 2.5 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5510LW-24.0M-T250 Fiches technique(HTML) 5 Page - Pletronics, Inc.

  SM5510LW-24.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5510LW-24.0M-T250 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SM55L Series 2.5 V
CMOS Clock Oscillators
June 2013
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.045 +
_0.004
1.15 +
_0.10
D
0.048
1.23
1
E
0.100
2.54
1
F
0.004
0.10
1
G
0.050
1.27
1
H
0.055
1.40
1
Not to Scale
Typical dimensions
1
I
0.024
0.60
1
J
0.004
0.10R
1
K
0.008
0.020R
1
Contacts :
Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
CC
Recommend connecting this pad to V
if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
CC
(V )
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optim um Jitter Perform ance, Pletronics recom m ends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large m agnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or m echanical fans.


Numéro de pièce similaire - SM5510LW-24.0M-T250

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5510LCV-24.0M-T1K PLETRONICS-SM5510LCV-24.0M-T1K Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T250 PLETRONICS-SM5510LCV-24.0M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T500 PLETRONICS-SM5510LCV-24.0M-T500 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCX-24.0M-T1K PLETRONICS-SM5510LCX-24.0M-T1K Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
SM5510LCX-24.0M-T250 PLETRONICS-SM5510LCX-24.0M-T250 Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
More results

Description similaire - SM5510LW-24.0M-T250

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5510LV-240M-T250 PLETRONICS-SM5510LV-240M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LX-240M-T250 PLETRONICS-SM5510LX-240M-T250 Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com