Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5544GV-75.0M-T250 Fiches technique(PDF) 4 Page - Pletronics, Inc.

No de pièce SM5544GV-75.0M-T250
Description  SM55G Series 3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544GV-75.0M-T250 Fiches technique(HTML) 4 Page - Pletronics, Inc.

  SM5544GV-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544GV-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55G Series 3.3 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
1.5
2.5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.8
4.0
nS
> 35 MHz and < 70 MHz
1.2
2.5
nS
> 70 MHz and < 110 MHz
12
nS
> 110 MHz
3.0
5.0
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
2.5
5.0
nS
> 35 MHz and < 70 MHz
1.4
3.0
nS
> 70 MHz and < 110 MHz
1.2
2.0
nS
> 110 MHz
5.0
8.0
nS
< 35 MHz
C
LOAD =50 pF
10% to 90% of V
CC
See Load Circuit
4.0
8.0
nS
> 35 MHz and < 70 MHz
2.1
4.5
nS
> 70 MHz and < 110 MHz
2.1
3.5
nS
> 110 MHz
V
CC Supply Current (ICC)
4.5
8
mA
< 8 MHz
C
LOAD = 15 pF
59
mA
> 8 MHz and < 16 MHz
5.5
10
mA
> 16 MHz and < 35 MHz
13
26
mA
> 35 MHz and <70 MHz
20
50
mA
> 70 MHz and <110 MHz
30
70
mA
> 110 MHz
5
9
mA
< 8 MHz
C
LOAD = 30 pF
610
mA
> 8 MHz and < 16 MHz
813
mA
> 16 MHz and < 35 MHz
14
28
mA
> 35 MHz and <70 MHz
26
57
mA
> 70 MHz and <110 MHz
40
90
mA
> 110 MHz
610
mA
< 8 MHz
C
LOAD = 50 pF
712
mA
> 8 MHz and < 16 MHz
10
15
mA
> 16 MHz and < 35 MHz
18
31
mA
> 35 MHz and <70 MHz
34
65
mA
> 70 MHz and <110 MHz
44
80
mA
> 110 MHz
Specifications with Pad 1 E/D open circuit


Numéro de pièce similaire - SM5544GV-75.0M-T250

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5544GV PLETRONICS-SM5544GV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
More results

Description similaire - SM5544GV-75.0M-T250

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5545GX-750M-T250 PLETRONICS-SM5545GX-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 1.8 V CMOS Clock Oscillators
SM5545GW-750M-T250 PLETRONICS-SM5545GW-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 2.5 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com