Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0604N-S19-AY Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce N0604N-S19-AY
Description  N-channel MOSFET Low on-state resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0604N-S19-AY Fiches technique(HTML) 2 Page - Renesas Technology Corp

  N0604N-S19-AY Datasheet HTML 1Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 2Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 3Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 4Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 5Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 6Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 7Page - Renesas Technology Corp N0604N-S19-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
N0604N
Chapter Title
R07DS0850EJ0100 Rev.1.00
Page 2 of 6
Aug 27, 2012
Electrical Characteristics (TA = 25°C, all terminals are connected)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 60 V, VGS = 0 V
Gate Leakage Current
IGSS
±100
nA
VGS = ±20 V, VDS = 0 V
Gate to Source Cut-off Voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
∗1
| yfs |
30
S
VDS = 5 V, ID = 41 A
Drain to Source On-state
Resistance
∗1
RDS(on)
5.1
6.5
m
Ω
VGS = 10 V, ID = 41 A
Input Capacitance
Ciss
4150
pF
VDS = 25 V,
Output Capacitance
Coss
310
pF
VGS = 0 V,
Reverse Transfer Capacitance
Crss
165
pF
f = 1 MHz
Turn-on Delay Time
td(on)
24
ns
VDD = 30 V, ID = 41 A,
Rise Time
tr
8
ns
VGS = 10 V,
Turn-off Delay Time
td(off)
64
ns
RG = 0 Ω
Fall Time
tf
7
ns
Total Gate Charge
QG
75
nC
VDD = 48 V,
Gate to Source Charge
QGS
21
nC
VGS = 10 V,
Gate to Drain Charge
QGD
21
nC
ID = 82 A
Body Diode Forward Voltage
∗1
VF(S–D)
1.5
V
IF = 82 A, VGS = 0 V
Reverse Recovery Time
trr
38
ns
Reverse Recovery Charge
Qrr
39
nC
IF = 82 A, VGS = 0 V,
di/dt = 100 A/
μ s
Note:
1. Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


Numéro de pièce similaire - N0604N-S19-AY

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
More results

Description similaire - N0604N-S19-AY

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
   COMPLEMENTARY MOSFET Low on-state resistance
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com