Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILC7084 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce ILC7084
Description  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7084 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  ILC7084 Datasheet HTML 1Page - Fairchild Semiconductor ILC7084 Datasheet HTML 2Page - Fairchild Semiconductor ILC7084 Datasheet HTML 3Page - Fairchild Semiconductor ILC7084 Datasheet HTML 4Page - Fairchild Semiconductor ILC7084 Datasheet HTML 5Page - Fairchild Semiconductor ILC7084 Datasheet HTML 6Page - Fairchild Semiconductor ILC7084 Datasheet HTML 7Page - Fairchild Semiconductor ILC7084 Datasheet HTML 8Page - Fairchild Semiconductor ILC7084 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ILC7083/ILC7084
2
REV. 1.0.9 1/28/03
Pin Assignments
Pin Description ILC7083-xx (Fixed voltage version)
Pin Description ILC7083-ADJ (Adjustable voltage version)
Pin Number
Pin Name
Pin Description
SOIC-8
SOT-23-5
3 and 4
1
VIN
Connect directly to supply
1
2
GND
Ground pin. Local ground for CNOISE and COUT.
2
3
ON/OFF
By applying less than 0.6V to this pin the device will be turned off.
84
CNOISE
Optional noise bypass capacitor may be connected between this pin and
GND. Do not connect CNOISE directly to the main power ground plane.
5 and 6
5
VOUT
Output Voltage. Connect COUT between this pin and GND.
7
N/C
Not Connected
Pin Number
Pin Name
Pin Description
SOIC-8
SOT-23-5
3 and 4
1
VIN
Connect directly to supply
1
2
GND
Ground pin. Local ground for CNOISE and COUT.
2
3
ON/OFF
By applying less than 0.6V to this pin the device will be turned off.
84
VADJ
Voltage feedback pin to set the adjustable output voltage. Do not connect a
capacitor to this pin.
5 and 6
5
VOUT
Output Voltage. Connect COUT between this pin and GND.
7
N/C
Not Connected
5
4
1
1
2
3
4
GND
ON/OFF
VIN
VIN
CNOISE
N/C
VOUT
VOUT
8
7
6
5
2
3
5
4
1
2
3
VOUT
CNOISE
VIN
GND ON/OFF
VIN
GND ON/OFF
SOT-23-5
SOIC-8
SOT-23-5
VOUT
VADJ
ILC7083-xx
ILC7083-xx
ILC7083ADJ
or ILC7084ADJ
1
2
3
4
GND
ON/OFF
VIN
VIN
VADJ
N/C
VOUT
VOUT
8
7
6
5
SOIC-8
ILC7083ADJ
Fixed Voltage Option
Adjustable Voltage Option


Numéro de pièce similaire - ILC7084

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

Description similaire - ILC7084

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com