Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD29150DT33R Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LD29150DT33R
Description  1.5 A, very low drop voltage regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150DT33R Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LD29150DT33R Datasheet HTML 6Page - STMicroelectronics LD29150DT33R Datasheet HTML 7Page - STMicroelectronics LD29150DT33R Datasheet HTML 8Page - STMicroelectronics LD29150DT33R Datasheet HTML 9Page - STMicroelectronics LD29150DT33R Datasheet HTML 10Page - STMicroelectronics LD29150DT33R Datasheet HTML 11Page - STMicroelectronics LD29150DT33R Datasheet HTML 12Page - STMicroelectronics LD29150DT33R Datasheet HTML 13Page - STMicroelectronics LD29150DT33R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
LD29150xx
10/22
Doc ID 9614 Rev 18
IO = 10 mA, TJ = 25 °C, VI = 7 V, VINH = 2 V (Note 3), CI = 330 nF, CO = 10 µF, unless
otherwise specified.
Note:
1
Guaranteed by design.
2
Dropout voltage is defined as the input-to-output differential when the output voltage drops
to 99% of its nominal value with VO + 1 V applied to VI.
3
Only for version with Inhibit function.
Table 7.
Electrical characteristics of LD29150#50
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA to 1.5 A, VI = 6 to 10.5 V
TJ = - 40 to 125°C
4.9555.05
V
4.9
5.1
ΔVO
Load regulation
IO = 10 mA to 1.5 A
0.2
1.0
%
ΔVO
Line regulation
VI = 6 to 13 V
0.06
0.5
%
SVR
Supply voltage rejection
f = 120 Hz, VI = 7 ±1 V, IO = 0.75 A
(
Note 1)
49
64
dB
VDROP Dropout voltage
IO = 250 mA, TJ = - 40 to 125°C (Note 2)0.1
V
IO = 0.75 A, TJ = - 40 to 125°C (Note 2)0.2
IO = 1.5 A, TJ = - 40 to 125°C (Note 2)0.4
0.7
Iq
Quiescent current
IO = 0.75 A, TJ = - 40 to 125°C
15
40
mA
IO = 1.5 A, TJ = - 40 to 125°C
30
80
VI = 13 V, VINH = GND, TJ = - 40 to 125°C
130
180
µA
Isc
Short circuit current
VI - VO = 5.5 V
2.2
A
VIL
Control input logic low
OFF MODE, (
Note 3), TJ = - 40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE, (
Note 3), TJ = - 40 to 125°C
2
V
IINH
Control input current
TJ = - 40 to 125°C, VINH = 13 V
5
10
µA
eN
Output noise voltage
BP = 10 Hz to 100 kHz, IO = 100 mA
200
µVRMS
TSHDN Thermal shutdown
150
°C


Numéro de pièce similaire - LD29150DT33R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD29150DT33 STMICROELECTRONICS-LD29150DT33 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
More results

Description similaire - LD29150DT33R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com