Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3152EIPZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL3152EIPZ
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152EIPZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL3152EIPZ Datasheet HTML 2Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 3Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 4Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 5Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 6Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 7Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 8Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 9Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN6363.2
July 30, 2009
Output Leakage Current
(Y, Z) (Full Duplex Versions
Only)
IIN3
RE = 0V, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
1
40
µA
VIN = -7V
Full
-40
-9
-
µA
Output Leakage Current
(Y, Z) in Shutdown Mode
(Full Duplex)
IIN4
RE = VCC, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
1
20
µA
VIN = -7V
Full
-20
-9
-
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note
8)
Full
-
-
±250
mA
Receiver Differential
Threshold Voltage
VTH
-7V ≤ VCM ≤ 12V
Full
-200
-90
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
20
-
mV
Receiver Output High
Voltage
VOH
IO = -8mA, VID = -50mV
Full
VCC - 1.2
4.3
-
V
Receiver Output Low Voltage
VOL
IO = -8mA, VID = -200mV
Full
-
0.25
0.4
V
Receiver Output Low Current
IOL
VO = 1V, VID = -200mV
Full
20
28
-
mA
Three-State (High
Impedance) Receiver Output
Current
IOZR
0.4V ≤ VO ≤ 2.4V
Full
-1
0.03
1
µA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
Full
96
160
-
Receiver Short-Circuit
Current
IOSR
0V ≤ VO ≤ VCC
Full
±7
65
±85
mA
SUPPLY CURRENT
No-Load Supply Current
(Note 7)
ICC
Half Duplex Versions, DE = VCC,
RE = X, DI = 0V or VCC
Full
-
650
800
µA
All Versions, DE = 0V, RE = 0V, or Full
Duplex Versions, DE = VCC, RE = X.
DI = 0V or VCC
Full
-
550
700
µA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.07
3
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y,
B/Z)
IEC61000-4-2,
Air-Gap Discharge
Method
1/2 Duplex
25
-
±16.5
-
kV
Full Duplex
25
-
±10
-
kV
IEC61000-4-2, Contact Discharge
Method
25
-
±9
-
kV
Human Body Model, From Bus Pins to
GND
25
-
±16.5
-
kV
All Pins
Human Body Model, per MIL-STD-883
Method 3015
25
-
±7
-
kV
Machine Model
25
-
400
-
V
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA =+25°C (Note6). Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14) UNITS
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Numéro de pièce similaire - ISL3152EIPZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3152EIPZ RENESAS-ISL3152EIPZ Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
More results

Description similaire - ISL3152EIPZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com