Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7424TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7424TRPBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7424TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7424TRPBF Datasheet HTML 1Page - International Rectifier IRF7424TRPBF Datasheet HTML 2Page - International Rectifier IRF7424TRPBF Datasheet HTML 3Page - International Rectifier IRF7424TRPBF Datasheet HTML 4Page - International Rectifier IRF7424TRPBF Datasheet HTML 5Page - International Rectifier IRF7424TRPBF Datasheet HTML 6Page - International Rectifier IRF7424TRPBF Datasheet HTML 7Page - International Rectifier IRF7424TRPBF Datasheet HTML 8Page - International Rectifier IRF7424TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7424PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.019 –––
V/°C
Reference to 25°C, ID = -1mA
–––
–––
13.5
VGS = -10V, ID = -11A
‚
–––
–––
22
VGS = -4.5V, ID = -8.8A
‚
VGS(th)
Gate Threshold Voltage
-1.0
–––
-2.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
17
–––
–––
S
VDS = -10V, ID = -11A
–––
–––
-15
VDS = -24V, VGS = 0V
–––
–––
-25
VDS = -24V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
75
110
ID = -11A
Qgs
Gate-to-Source Charge
–––
14
21
nC
VDS = -15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
18
VGS = -10V
td(on)
Turn-On Delay Time
–––
15
–––
VDD = -15V
‚
tr
Rise Time
–––
23
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
150
–––
RG = 6.0Ω
tf
Fall Time
–––
76
–––
VGS = -10V
Ciss
Input Capacitance
––– 4030 –––
VGS = 0V
Coss
Output Capacitance
–––
580
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
410
–––
ƒ = 1.0kHz
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
40
60
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse Recovery Charge
–––
47
71
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-47
–––
–––
–––
-2.5
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
ƒ Surface mounted on 1 in square Cu board


Numéro de pièce similaire - IRF7424TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
IRF7424TRPBF VBSEMI-IRF7424TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com