Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA75339G3 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce HUFA75339G3
Description  75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75339G3 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  HUFA75339G3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75339G3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75339G3, HUFA75339P3, HUFA75339S3S Rev. B
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.0
1.5
2.0
2.5
-40
0
40
80
120
160
200
0.5
-80
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 75A
DUTY CYCLE = 0.5% MAX
0.8
1.0
1.2
-40
0
40
80
120
160
200
0.4
-80
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.6
1.0
1.1
1.2
-40
0
40
80
120
160
200
0.9
-80
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
0
750
1500
2250
3000
3750
0
102030
40
5060
VDS, DRAIN TO SOURCE VOLTAGE (V)
COSS
CRSS
CISS
30
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
2
4
6
8
10
10
20
30
40
50
60
0
0
VDD = 30V
Qg, GATE CHARGE (nC)
ID = 75A
ID = 56A
ID = 37.5A
ID = 18A
WAVEFORMS IN
DESCENDING ORDER:
HUFA75339G3, HUFA75339P3, HUFA75339S3S


Numéro de pièce similaire - HUFA75339G3

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
HUFA75339G3 ISC-HUFA75339G3 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Description similaire - HUFA75339G3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75339G3 INTERSIL-HUF75339G3 Datasheet
108Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com