Moteur de recherche de fiches techniques de composants électroniques |
|
AD9240ASZRL Fiches technique(PDF) 2 Page - Analog Devices |
|
AD9240ASZRL Fiches technique(HTML) 2 Page - Analog Devices |
2 / 24 page REV. –2– AD9240–SPECIFICATIONS DC SPECIFICATIONS Parameter AD9240 Units RESOLUTION 14 Bits min MAX CONVERSION RATE 10 MHz min INPUT REFERRED NOISE VREF = 1 V 0.9 LSB rms typ VREF = 2.5 V 0.36 LSB rms typ ACCURACY Integral Nonlinearity (INL) ±2.5 LSB typ Differential Nonlinearity (DNL) ±0.6 LSB typ ±1.0 LSB max INL 1 ±2.5 LSB typ DNL 1 ±0.7 LSB typ No Missing Codes 14 Bits Guaranteed Zero Error (@ +25 °C) 0.3 % FSR max Gain Error (@ +25 °C)2 1.5 % FSR max Gain Error (@ +25 °C)3 0.75 % FSR max TEMPERATURE DRIFT Zero Error 3.0 ppm/ °C typ Gain Error2 20.0 ppm/ °C typ Gain Error 3 5.0 ppm/ °C typ POWER SUPPLY REJECTION 0.1 % FSR max ANALOG INPUT Input Span (with VREF = 1.0 V) 2 V p-p min Input Span (with VREF = 2.5 V) 5 V p-p max Input (VINA or VINB) Range 0 V min AVDD V max Input Capacitance 16 pF typ INTERNAL VOLTAGE REFERENCE Output Voltage (1 V Mode) 1 Volts typ Output Voltage Tolerance (1 V Mode) ±14 mV max Output Voltage (2.5 V Mode) 2.5 Volts typ Output Voltage Tolerance (2.5 V Mode) ±35 mV max Load Regulation4 5.0 mV max REFERENCE INPUT RESISTANCE 5 k Ω typ POWER SUPPLIES Supply Voltages AVDD +5 V ( ±5% AVDD Operating) DVDD +5 V ( ±5% DVDD Operating) DRVDD +5 V ( ±5% DRVDD Operating) Supply Current IAVDD 50 mA max (46 mA typ) IDRVDD 1 mA max (0.1 mA typ) IDVDD 15 mA max (11 mA typ) POWER CONSUMPTION 330 mW max (285 mW typ) NOTES 1VREF = 1 V. 2Including internal reference. 3Excluding internal reference. 4Load regulation with 1 mA load current (in addition to that required by the AD9240). Specification subject to change without notice. (AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE = 10 MSPS, RBIAS = 2 k , VREF = 2.5 V, VINB = 2.5 V, TMIN to TMAX unless otherwise noted) B |
Numéro de pièce similaire - AD9240ASZRL |
|
Description similaire - AD9240ASZRL |