Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7862AR-10 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7862AR-10
Description  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7862AR-10 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7862AR-10 Datasheet HTML 5Page - Analog Devices AD7862AR-10 Datasheet HTML 6Page - Analog Devices AD7862AR-10 Datasheet HTML 7Page - Analog Devices AD7862AR-10 Datasheet HTML 8Page - Analog Devices AD7862AR-10 Datasheet HTML 9Page - Analog Devices AD7862AR-10 Datasheet HTML 10Page - Analog Devices AD7862AR-10 Datasheet HTML 11Page - Analog Devices AD7862AR-10 Datasheet HTML 12Page - Analog Devices AD7862AR-10 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7862
–9–
REV. 0
and fourth read pulses, after the second conversion and A0 high,
access the result from Channel B (VB1 and VB2 respectively). A0’s
state can be changed any time after the CONVST goes high,
i.e., track/holds into hold, and 400 ns prior to the next falling
edge of CONVST. Data is read from the part via a 12-bit
parallel data bus with standard CS and RD signal, i.e., the read
operation consists of a negative going pulse on the CS pin
combined with two negative going pulses on the RD pin (while
the CS is low), accessing the two 12-bit results. Once the read
operation has taken place, a further 300 ns should be allowed
before the next falling edge of CONVST to optimize the settling
of the track/hold amplifier before the next conversion is initiated.
With the internal clock frequency at its maximum (3.7 MHz—not
accessible externally), the achievable throughput rate for the
part is 3.6
µs (conversion time) plus 100 ns (read time) plus
0.3
µs (acquisition time). This results in a minimum throughput
time of 4
µs (equivalent to a throughput rate of 250 kHz).
Read Options
Apart from the read operation described above and displayed in
Figure 5a, other CS and RD combinations can result in
different channels/inputs being read in different combinations.
Suitable combinations are shown in Figures 5b through 5d.
VA1
VA2
CS
RD
DATA
Figure 5b. Read Option A
VA1
VA2
CS
RD
DATA
VA1
Figure 5c. Read Option B
VA1
VB1
A0
CS
RD
DATA
Figure 5d. Read Option C
OPERATING MODES
Mode 1 Operation (High Sampling Performance)
The timing diagram in Figure 5a is for optimum performance in
operating mode 1 where the falling edge of CONVST starts
conversion and puts the track/hold amplifiers into their hold
mode. This falling edge of CONVST also causes the BUSY
signal to go high to indicate that a conversion is taking place.
The BUSY signal goes low when the conversion is complete,
which is 3.6
µs max after the falling edge of CONVST, and new
data from this conversion is available in the output latch of the
AD7862. A read operation accesses this data. If the multiplexer
select A0 is low, the first and second read pulses after the first
conversion access the result from Channel A (VA1 and VA2
VA1
VA2
VB1
VB2
t
3
t
1
t
2
t
4
t
5
t
6
t
CONV = 3.6µs
t7
CONVST
BUSY
A0
CS
RD
DATA
300ns
400ns
Figure 5a. Mode 1 Timing Operation Diagram for High Sampling Performance


Numéro de pièce similaire - AD7862AR-10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7862AR-10 AD-AD7862AR-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-10 AD-AD7862AR-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-10 AD-AD7862AR-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-10 AD-AD7862AR-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-10 AD-AD7862AR-10 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

Description similaire - AD7862AR-10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com