Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB50N25M5 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STB50N25M5
Description  N-channel 250 V, 0.065 廓, 28 A, MDmesh V Power MOSFET in DPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50N25M5 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STB50N25M5 Datasheet HTML 2Page - STMicroelectronics STB50N25M5 Datasheet HTML 3Page - STMicroelectronics STB50N25M5 Datasheet HTML 4Page - STMicroelectronics STB50N25M5 Datasheet HTML 5Page - STMicroelectronics STB50N25M5 Datasheet HTML 6Page - STMicroelectronics STB50N25M5 Datasheet HTML 7Page - STMicroelectronics STB50N25M5 Datasheet HTML 8Page - STMicroelectronics STB50N25M5 Datasheet HTML 9Page - STMicroelectronics STB50N25M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STB50N25M5
6/14
Doc ID 15923 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03968v1
ID
30
20
10
0
0
10
VDS(V)
20
(A)
5
15
25
40
50
5V
6V
7V
VGS=10V
30
AM03969v1
ID
30
20
10
0
0
4
VGS(V)
8
(A)
2
6
10
40
50
VDS=20V
AM03970v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
RDS(on)
0.070
0.065
0.060
0.055
0
10
ID(A)
(
Ω)
5
25
15
20
VGS=10V
AM03972v1


Numéro de pièce similaire - STB50N25M5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB50NE08 STMICROELECTRONICS-STB50NE08 Datasheet
95Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
STB50NE10T4 STMICROELECTRONICS-STB50NE10T4 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
More results

Description similaire - STB50N25M5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
   N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
   N-channel 600 V, 0.065 廓 typ., 40 A MDmesh??DM2 Power MOSFET in a TO-247 package
October 2015 Rev 2
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STD4N90K5 STMICROELECTRONICS-STD4N90K5 Datasheet
813Kb / 15P
   N-channel 900 V, 1.90 廓 typ.,3 A MDmesh??K5 Power MOSFET in a DPAK package
November 2016 Rev 1
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
   N-channel 600 V, 0.440 廓 typ., 8 A MDmesh??DM2 Power MOSFET in a DPAK package
June 2016 Rev 1
STD3LN80K5 STMICROELECTRONICS-STD3LN80K5 Datasheet
815Kb / 15P
   N-channel 800 V, 2.75 廓 typ., 2 A MDmesh??K5 Power MOSFET in a DPAK package
July 2016 Rev 2
STD12N60DM6 STMICROELECTRONICS-STD12N60DM6 Datasheet
326Kb / 15P
   N-channel 600 V, 345 m廓 typ., 10 A MDmesh DM6 Power MOSFET in a DPAK package
Rev 1 - October 2020
STL52N25M5 STMICROELECTRONICS-STL52N25M5 Datasheet
759Kb / 13P
   N-channel 250 V, 0.064, 28 A, PowerFLAT (5x6) MDmesh V Power MOSFET
STD15N60DM6 STMICROELECTRONICS-STD15N60DM6 Datasheet
346Kb / 17P
   N-channel 600 V, 286 m廓 typ., 12 A MDmesh DM6 Power MOSFET in a DPAK package
Rev 1 - May 2020
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com