Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384-B3V3 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BZX384-B3V3
Description  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX384-B3V3 Fiches technique(HTML) 5 Page - NXP Semiconductors

  BZX384-B3V3 Datasheet HTML 1Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 2Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 3Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 4Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 5Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 6Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 7Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 8Page - NXP Semiconductors BZX384-B3V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Table 1
Per type BZX384-B/C2V4 to B/C24
Tj = 25 °C unless otherwise specified.
BZX-
Bxxx
Cxxx
WORKING VOLTAGE VZ (V)
at IZtest = 5 mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMPERATURE
COEFFICIENT SZ (mV/K)
at IZtest = 5 mA
(see Figs 4 and 5)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR = 0 V
NON-REPETITIVE
PEAK REVERSE
CURRENT IZSM (A)
at tp = 100 μs;
Tamb = 25 °C
Tol.
±2% (B)
Tol.
±5% (C)
at IZtest = 1 mA
at IZtest = 5 mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
2V4
2.35
2.45
2.2
2.6
275
600
70
100
−3.5
−1.6
0
450
6.0
2V7
2.65
2.75
2.5
2.9
300
600
75
100
−3.5
−2.0
0
450
6.0
3V0
2.94
3.06
2.8
3.2
325
600
80
95
−3.5
−2.1
0
450
6.0
3V3
3.23
3.37
3.1
3.5
350
600
85
95
−3.5
−2.4
0
450
6.0
3V6
3.53
3.67
3.4
3.8
375
600
85
90
−3.5
−2.4
0
450
6.0
3V9
3.82
3.98
3.7
4.1
400
600
85
90
−3.5
−2.5
0
450
6.0
4V3
4.21
4.39
4.0
4.6
410
600
80
90
−3.5
−2.5
0
450
6.0
4V7
4.61
4.79
4.4
5.0
425
500
50
80
−3.5
−1.4
0.2
300
6.0
5V1
5.00
5.20
4.8
5.4
400
480
40
60
−2.7
−0.8
1.2
300
6.0
5V6
5.49
5.71
5.2
6.0
80
400
15
40
−2.0
1.2
2.5
300
6.0
6V2
6.08
6.32
5.8
6.6
40
150
6
10
0.4
2.3
3.7
200
6.0
6V8
6.66
6.94
6.4
7.2
30
80
6
15
1.2
3.0
4.5
200
6.0
7V5
7.35
7.65
7.0
7.9
30
80
6
15
2.5
4.0
5.3
150
4.0
8V2
8.04
8.36
7.7
8.7
40
80
6
15
3.2
4.6
6.2
150
4.0
9V1
8.92
9.28
8.5
9.6
40
100
6
15
3.8
5.5
7.0
150
3.0
10
9.80
10.20
9.4
10.6
50
150
8
20
4.5
6.4
8.0
90
3.0
11
10.80
11.20
10.4
11.6
50
150
10
20
5.4
7.4
9.0
85
2.5
12
11.80
12.20
11.4
12.7
50
150
10
25
6.0
8.4
10.0
85
2.5
13
12.70
13.30
12.4
14.1
50
170
10
30
7.0
9.4
11.0
80
2.5
15
14.70
15.30
13.8
15.6
50
200
10
30
9.2
11.4
13.0
75
2.0
16
15.70
16.30
15.3
17.1
50
200
10
40
10.4
12.4
14.0
75
1.5
18
17.60
18.40
16.8
19.1
50
225
10
45
12.4
14.4
16.0
70
1.5
20
19.60
20.40
18.8
21.2
60
225
15
55
14.4
16.4
18.0
60
1.5
22
21.60
22.40
20.8
23.3
60
250
20
55
16.4
18.4
20.0
60
1.25
24
23.50
24.50
22.8
25.6
60
250
25
70
18.4
20.4
22.0
55
1.25


Numéro de pièce similaire - BZX384-B3V3

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BZX384-B3V3 GE-BZX384-B3V3 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B3V3 PHILIPS-BZX384-B3V3 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B3V3 NXP-BZX384-B3V3 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B3V3 NXP-BZX384-B3V3 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B3V3 NEXPERIA-BZX384-B3V3 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
More results

Description similaire - BZX384-B3V3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com