Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-CB1A-XYCDD Fiches technique(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-CB1A-XYCDD
Description  New 5mm Blue and Green LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1A-XYCDD Fiches technique(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB1A-XYCDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Packaging Box for Ammo Packs
Note: For InGaN device, the ammo pack packaging box contain ESD logo
Packaging Label
(i) Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
LABEL ON THIS
SIDE OF BOX
FROM LEFT SIDE OF BOX
ADHESIVE TAPE MUST BE
FACING UPWARDS.
ANODE LEAD LEAVES
THE BOX FIRST.
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Color Bin
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 260C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Color Bin
DATECODE: Date Code
RoHS Compliant
e3
max temp 260C
Lamps Baby Label


Numéro de pièce similaire - HLMP-CB1A-XYCDD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1A-XYCDD AVAGO-HLMP-CB1A-XYCDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-CB1A-XYCDD BOARDCOM-HLMP-CB1A-XYCDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Description similaire - HLMP-CB1A-XYCDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
HLMP-CB1A-XY0DD AVAGO-HLMP-CB1A-XY0DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-513B3C A-BRIGHT-AL-513B3C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B3C-A A-BRIGHT-AL-513B3C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B4C-A A-BRIGHT-AL-513B4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513B5C-A A-BRIGHT-AL-513B5C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com