Moteur de recherche de fiches techniques de composants électroniques |
|
ADP150AUJZ-3.3-R7 Fiches technique(PDF) 6 Page - Analog Devices |
|
ADP150AUJZ-3.3-R7 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 8 page UG-054 Evaluation Board User Guide Rev. 0 | Page 6 of 8 GROUND CURRENT MEASUREMENTS VOLTAGE SOURCE LOAD AMMETER Figure 10. Ground Current Measurement Setup, TSOT VOLTAGE SOURCE AMMETER LOAD Figure 11. Ground Current Measurement Setup, WLCSP Figure 10 and Figure 11 show how the evaluation board can be connected to a voltage source and an ammeter for ground current measurements. A resistor can be used as the load for the regulator. Ensure that the resistor has a power rating that is adequate to handle the power that is expected to be dissipated across it. An electronic load can be used as an alternative. Ensure that the voltage source can supply enough current for the expected load levels. Follow these steps to connect to a voltage source and ammeter: 1. Connect the positive terminal (+) of the voltage source to the VIN pad of the evaluation board. 2. Connect the positive terminal (+) of the ammeter to one of the GND pads on the evaluation board. 3. Connect the negative terminal (−) of the ammeter to the negative (−) terminal of the voltage source. 4. Connect a load between the VOUT pad of the evaluation board and the negative (−) terminal of the voltage source. |
Numéro de pièce similaire - ADP150AUJZ-3.3-R7 |
|
Description similaire - ADP150AUJZ-3.3-R7 |