Moteur de recherche de fiches techniques de composants électroniques |
|
TD9944 Fiches technique(PDF) 5 Page - Supertex, Inc |
|
TD9944 Fiches technique(HTML) 5 Page - Supertex, Inc |
5 / 6 page Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. website: http//www.supertex.com. ©2009 All rights reserved. Unauthorized use or reproduction is prohibited. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 5 TD9944 (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.) Doc.# DSFP-TD9944 A041309 8-Lead SOIC (Narrow Body) Package Outline (TG) 4.90x3.90mm body, 1.75mm height (max), 1.27mm pitch 1 8 Seating Plane Gauge Plane L L1 L2 E E1 D e b A A2 A1 Seating Plane A A Top View Side View View B View B θ1 θ Note 1 (Index Area D/2 x E1/2) View A-A h h Note 1 Symbol A A1 A2 b D E E1 e h L L1 L2 θ θ1 Dimension (mm) MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80* 1.27 BSC 0.25 0.40 1.04 REF 0.25 BSC 0O 5O NOM - - - - 4.90 6.00 3.90 - - - - MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00* 0.50 1.27 8O 15O JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005. * This dimension is not specified in the JEDEC drawing. Drawings are not to scale. Supertex Doc. #: DSPD-8SOLGTG, Version I041309. Note: This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or a printed indicator. 1. |
Numéro de pièce similaire - TD9944 |
|
Description similaire - TD9944 |