Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8403ARZ10 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8403ARZ10
Description  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8403ARZ10 Fiches technique(HTML) 3 Page - Analog Devices

  AD8403ARZ10 Datasheet HTML 1Page - Analog Devices AD8403ARZ10 Datasheet HTML 2Page - Analog Devices AD8403ARZ10 Datasheet HTML 3Page - Analog Devices AD8403ARZ10 Datasheet HTML 4Page - Analog Devices AD8403ARZ10 Datasheet HTML 5Page - Analog Devices AD8403ARZ10 Datasheet HTML 6Page - Analog Devices AD8403ARZ10 Datasheet HTML 7Page - Analog Devices AD8403ARZ10 Datasheet HTML 8Page - Analog Devices AD8403ARZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 3 of 32
GENERAL DESCRIPTION
(continued from Page 1)
Each VR has its own VR latch that holds its programmed
resistance value. These VR latches are updated from an SPI-
compatible, serial-to-parallel shift register that is loaded from
a standard 3-wire, serial-input digital interface. Ten data bits
make up the data-word clocked into the serial input register.
The data-word is decoded where the first two bits determine
the address of the VR latch to be loaded, and the last eight bits
are the data. A serial data output pin at the opposite end of the
serial register allows simple daisy chaining in multiple VR
applications without additional external decoding logic.
The reset (RS) pin forces the wiper to midscale by loading 80H
into the VR latch. The SHDN pin forces the resistor to an end-
to-end open-circuit condition on the A terminal and shorts the
wiper to the B terminal, achieving a microwatt power shutdown
state. When SHDN is returned to logic high, the previous latch
settings put the wiper in the same resistance setting prior to
shutdown. The digital interface is still active in shutdown so
that code changes can be made that will produce new wiper
positions when the device is taken out of shutdown.
The AD8400 is available in the SOIC-8 surface mount. The
AD8402 is available in both surface-mount (SOIC-14) and
14-lead PDIP packages, while the AD8403 is available in a
narrow-body, 24-lead PDIP and a 24-lead, surface-mount
package. The AD8402/AD8403 are also offered in the 1.1 mm
thin TSSOP-14/TSSOP-24 packages for PCMCIA applications.
All parts are guaranteed to operate over the extended industrial
temperature range of −40°C to +125°C.


Numéro de pièce similaire - AD8403ARZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ100 AD-AD8403ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ100-REEL AD-AD8403ARZ100-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Description similaire - AD8403ARZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com