Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7854SQ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7854SQ
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7854SQ Fiches technique(HTML) 4 Page - Analog Devices

  AD7854SQ Datasheet HTML 1Page - Analog Devices AD7854SQ Datasheet HTML 2Page - Analog Devices AD7854SQ Datasheet HTML 3Page - Analog Devices AD7854SQ Datasheet HTML 4Page - Analog Devices AD7854SQ Datasheet HTML 5Page - Analog Devices AD7854SQ Datasheet HTML 6Page - Analog Devices AD7854SQ Datasheet HTML 7Page - Analog Devices AD7854SQ Datasheet HTML 8Page - Analog Devices AD7854SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7854/AD7854L
–4–
REV. B
Limit at TMIN, TMAX
(A, B, S Versions)
Parameter
5 V
3 V
Units
Description
fCLKIN
2
500
500
kHz min
Master Clock Frequency
4
4
MHz max
1.8
1.8
MHz max
L Version
t1
3
100
100
ns min
CONVST Pulsewidth
t2
50
90
ns max
CONVST to BUSY
↑ Propagation Delay
tCONVERT
4.5
4.5
µs max
Conversion Time = 18 tCLKIN
10
10
µs max
L Version 1.8 MHz CLKIN. Conversion Time = 18 tCLKIN
t3
15
15
ns min
HBEN to
RD Setup Time
t4
5
5
ns min
HBEN to
RD Hold Time
t5
0
0
ns min
CS to RD to Setup Time
t6
0
0
ns min
CS to RD Hold Time
t7
55
70
ns min
RD Pulsewidth
t8
4
50
50
ns max
Data Access Time After
RD
t9
5
5
5
ns min
Bus Relinquish Time After
RD
40
40
ns max
t10
60
70
ns min
Minimum Time Between Reads
t11
0
0
ns min
HBEN to
WR Setup Time
t12
5
5
ns max
HBEN to
WR Hold Time
t13
0
0
ns min
CS to WR Setup Time
t14
0
0
ns max
CS to WR Hold Time
t15
55
70
ns min
WR Pulsewidth
t16
10
10
ns min
Data Setup Time Before
WR
t17
5
5
ns min
Data Hold Time After
WR
t18
4
1/2 tCLKIN
1/2 tCLKIN
ns min
New Data Valid Before Falling Edge of BUSY
t19
50
70
ns min
HBEN High Pulse Duration
t20
50
70
ns min
HBEN Low Pulse Duration
t21
40
60
ns min
Propagation Delay from HBEN Rising Edge to Data Valid
t22
40
60
ns min
Propagation Delay from HBEN Falling Edge to Data Valid
t23
2.5 tCLKIN
2.5 tCLKIN
ns max
CS
↑ to BUSY ↑ in Calibration Sequence
tCAL
6
31.25
31.25
ms typ
Full Self-Calibration Time, Master Clock Dependent (125013
tCLKIN)
tCAL1
6
27.78
27.78
ms typ
Internal DAC Plus System Full-Scale Cal Time, Master Clock
Dependent (111124 tCLKIN)
tCAL2
6
3.47
3.47
ms typ
System Offset Calibration Time, Master Clock Dependent
(13889 tCLKIN)
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the master clock input is 40/60 to 60/40.
3The
CONVST pulsewidth here only applies for normal operation. When the part is in power-down mode, a different CONVST pulsewidth applies (see Power-Down
section).
4Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
5t
9 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 9, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
6The typical time specified for the calibration times is for a master clock of 4 MHz. For the L version the calibration times will be longer than those quoted here due to
the 1.8 MHz master clock.
Specifications subject to change without notice.
TIMING SPECIFICATIONS
1
(AVDD = DVDD = +3.0 V to +5.5 V; fCLKIN = 4 MHz for AD7854 and 1.8 MHz for AD7854L;
TA = TMIN to TMAX, unless otherwise noted)


Numéro de pièce similaire - AD7854SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7854SQ AD-AD7854SQ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results

Description similaire - AD7854SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com