Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH270N4F3-6 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STH270N4F3-6
Description  N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH270N4F3-6 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STH270N4F3-6 Datasheet HTML 5Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 6Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 7Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 8Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 9Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 10Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 11Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 12Page - STMicroelectronics STH270N4F3-6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID16957 Rev 2
9/19
STH270N4F3-2, STH270N4F3-6
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Numéro de pièce similaire - STH270N4F3-6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
More results

Description similaire - STH270N4F3-6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
STB270N4F3 STMICROELECTRONICS-STB270N4F3_09 Datasheet
804Kb / 14P
   N-channel 40 V, 1.6 m廓, 160 A, D2PAK, I2PAK STripFET??III Power MOSFET
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
   N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
Rev 4 - July 2022
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
1Mb / 19P
   Automotive-grade N-channel 100 V, 2.1 m廓 typ., 180 A STripFET??F7 Power MOSFETs
September 2014 Rev 4
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220 STripFET??III Power MOSFET
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STH400N4F6-2 STMICROELECTRONICS-STH400N4F6-2 Datasheet
794Kb / 18P
   Automotive-grade N-channel 40 V, 0.85 m??typ.,180 A STripFET??VI DeepGATE??Power MOSFETs
February 2014 Rev 2
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com