Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358D Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM358D
Description  DUAL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM358D Fiches technique(HTML) 5 Page - Texas Instruments

  LM358D Datasheet HTML 1Page - Texas Instruments LM358D Datasheet HTML 2Page - Texas Instruments LM358D Datasheet HTML 3Page - Texas Instruments LM358D Datasheet HTML 4Page - Texas Instruments LM358D Datasheet HTML 5Page - Texas Instruments LM358D Datasheet HTML 6Page - Texas Instruments LM358D Datasheet HTML 7Page - Texas Instruments LM358D Datasheet HTML 8Page - Texas Instruments LM358D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM158, LM158A
LM258, LM258A
LM358, LM358A
LM2904V
LM2904
UNIT
Supply voltage, VCC (see Note 1)
±16 or 32
±13 or 26
V
Differential input voltage, VID (see Note 2)
±32
±26
V
Input voltage, VI (either input)
−0.3 to 32
−0.3 to 26
V
Duration of output short circuit (one amplifier) to ground
at (or below) 25
°C free-air temperature (VCC ≤ 15 V) (see Note 3)
Unlimited
Unlimited
D package
97
97
DGK package
172
172
Package thermal impedance,
qJA (see Notes 4 and 5)
P package
85
85
°C/W
Package thermal impedance,
qJA (see Notes 4 and 5)
PS package
95
95
C/W
PW package
149
149
Package thermal impedance
q (see Notes 6 and 7)
FK package
5.61
°C/W
Package thermal impedance,
qJC (see Notes 6 and 7)
JG package
14.5
°C/W
LM158, LM158A
−55 to 125
Operating free air temperature range T
LM258, LM258A
−25 to 85
°C
Operating free-air temperature range, TA
LM358, LM358A
0 to 70
°C
LM2904
−40 to 125
−40 to 125
Operating virtual junction temperature, TJ
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
JG package
300
300
°C
Storage temperature range, Tstg
−65 to 150
−65 to 150
°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages and VCC specified for measurement of IOS, are with respect to the network ground
terminal.
2. Differential voltages are at IN+ with respect to IN−.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
6. Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) − TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
7. The package thermal impedance is calculated in accordance with MIL-STD-883.


Numéro de pièce similaire - LM358D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM358D MOTOROLA-LM358D Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM358D STMICROELECTRONICS-LM358D Datasheet
323Kb / 19P
   Low power dual operational amplifiers
logo
ARTSCHIP ELECTRONICS CO...
LM358D ARTSCHIP-LM358D Datasheet
252Kb / 16P
   Frequency - Compensated
logo
ON Semiconductor
LM358D ONSEMI-LM358D Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
Tiger Electronic Co.,Lt...
LM358D TGS-LM358D Datasheet
849Kb / 8P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
More results

Description similaire - LM358D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com