Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2577SX-ADJNOPB Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM2577SX-ADJNOPB
Description  SIMPLE SWITCHER짰 Step-Up Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2577SX-ADJNOPB Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM2577SX-ADJNOPB Datasheet HTML 4Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 5Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 6Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 7Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 8Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 9Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 10Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 11Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LM1577, LM2577
SNOS658D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics—LM1577-ADJ, LM2577-ADJ (continued)
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V, VFEEDBACK = VREF, and ISWITCH = 0.
Symbol
Parameter
Conditions
Typical
LM1577-ADJ
LM2577-ADJ
Units
Limit(1)(2)
Limit(3)
(Limits)
Error Amp
VFEEDBACK = 1.0V to 1.5V
±200
μA
Output Current
VCOMP = 1.0V
±130/±90
±130/±90
μA(min)
±300/±400
±300/±400
μA(max)
ISS
Soft Start Current
VFEEDBACK = 1.0V
5.0
μA
VCOMP = 0V
2.5/1.5
2.5/1.5
μA(min)
7.5/9.5
7.5/9.5
μA(max)
D
Maximum Duty Cycle
VCOMP = 1.5V
95
%
ISWITCH = 100 mA
93/90
93/90
%(min)
ΔISWITCH/ΔVC Switch
12.5
A/V
OMP
Transconductance
IL
Switch Leakage
VSWITCH = 65V
10
μA
Current
VFEEDBACK = 1.5V (Switch Off)
300/600
300/600
μA(max)
VSAT
Switch Saturation
ISWITCH = 2.0A
0.5
V
Voltage
VCOMP = 2.0V (Max Duty Cycle)
0.7/0.9
0.7/0.9
V(max)
NPN Switch
VCOMP = 2.0V
4.3
A
Current Limit
3.7/3.0
3.7/3.0
A(min)
5.3/6.0
5.3/6.0
A(max)
THERMAL PARAMETERS (All Versions)
θJA
Thermal Resistance
K Package, Junction to Ambient
35
θJC
K Package, Junction to Case
1.5
θJA
T Package, Junction to Ambient
65
θJC
T Package, Junction to Case
2
°C/W
θJA
N Package, Junction to Ambient (6)
85
θJA
M Package, Junction to Ambient (6)
100
θJA
S Package, Junction to Ambient (7)
37
(6)
Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper
area will lower thermal resistance further. See thermal model in “Switchers Made Simple” software.
(7)
If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally
connected to the package. Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1577 LM2577


Numéro de pièce similaire - LM2577SX-ADJNOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2577S NSC-LM2577S Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2577S-12 NSC-LM2577S-12 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577S-12 NSC-LM2577S-12 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
LM2577S-15 NSC-LM2577S-15 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577S-15 NSC-LM2577S-15 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
More results

Description similaire - LM2577SX-ADJNOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com