Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM324NE3 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM324NE3
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM324NE3 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM324NE3 Datasheet HTML 3Page - Texas Instruments LM324NE3 Datasheet HTML 4Page - Texas Instruments LM324NE3 Datasheet HTML 5Page - Texas Instruments LM324NE3 Datasheet HTML 6Page - Texas Instruments LM324NE3 Datasheet HTML 7Page - Texas Instruments LM324NE3 Datasheet HTML 8Page - Texas Instruments LM324NE3 Datasheet HTML 9Page - Texas Instruments LM324NE3 Datasheet HTML 10Page - Texas Instruments LM324NE3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066T − SEPTEMBER 1975 − REVISED MARCH 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
LM2902
LM2902V
UNIT
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
V
5Vt
Non-A-suffix
25
°C
3
7
3
7
V
Input offset voltage
VCC = 5 V to
MAX,
Non-A-suffix
devices
Full range
10
10
mV
VIO
Input offset voltage
MAX,
VIC = VICRmin,
V
14V
A-suffix
25
°C
1
2
mV
IC
ICR
VO = 1.4 V
A-suffix
devices
Full range
4
∆VIO/∆T
Input offset voltage
temperature drift
RS = 0 Ω
Full range
7
µV/°C
I
Input offset current
V
14V
25
°C
2
50
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
300
150
nA
∆IIO/∆T
Input offset current
temperature drift
Full range
10
pA/
°C
I
Input bias current
V
14V
25
°C
−20
−250
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
−500
nA
25
°C
0 to
0 to
V
Common-mode
V
5VtoMAX
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common-mode
input voltage range
VCC = 5 V to MAX
Full range
0 to
0 to
V
input voltage range
Full range
0 to
VCC − 2
0 to
VCC − 2
RL = 2 kΩ
25
°C
V
High-level
RL = 10 kΩ
25
°C
VCC − 1.5
VCC − 1.5
V
VOH
High-level
output voltage
V
MAX
RL = 2 kΩ
Full range
22
26
V
pg
VCC = MAX
RL ≥ 10 kΩ
Full range
23
24
27
VOL
Low-level
output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
A
Large-signal
differential voltage
VCC = 15 V, VO = 1 V to 11 V,
25
°C
25
100
25
100
V/mV
AVD
differential voltage
amplification
VCC = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
15
15
V/mV
CMRR
Common-mode
rejection ratio
VIC = VICRmin
25
°C
50
80
60
80
dB
k
Supply-voltage
rejection ratio
25
°C
50
100
60
100
dB
kSVR
rejection ratio
(
∆VCC /∆VIO)
25
°C
50
100
60
100
dB
VO1/VO2
Crosstalk
attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
dB
VCC = 15 V,
V
1V
S
25
°C
−20
−30
−60
−20
−30
−60
CC
VID = 1 V,
VO = 0
Source
Full range
−10
−10
mA
IO
Output current
VCC = 15 V,
V
1V
Sink
25
°C
10
20
10
20
mA
CC
VID = −1 V,
VO = 15 V
Sink
Full range
5
5
VID = −1 V,
VO = 200 mV
25
°C
30
12
40
µA
IOS
Short-circuit
output current
VCC at 5 V,
GND at −5 V
VO = 0,
25
°C
±40
±60
±40
±60
mA
Supply current
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current
(four amplifiers)
VCC = MAX,
VO = 0.5 VCC,
No load
Full range
1.4
3
1.4
3
mA
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for LM2902 and 32 V for LM2902V.
Full range is −40
°C to 125°C for LM2902.
§ All typical values are at TA = 25°C.


Numéro de pièce similaire - LM324NE3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
LM324NE3 TI-LM324NE3 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM324NE3 TI-LM324NE3 Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM324NE3 TI-LM324NE3 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM324NE3 TI1-LM324NE3 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results

Description similaire - LM324NE3

FabricantNo de pièceFiches techniqueDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com