Moteur de recherche de fiches techniques de composants électroniques |
|
DAC7545LU Fiches technique(PDF) 7 Page - Texas Instruments |
|
DAC7545LU Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 12 page PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples DAC7545GLP OBSOLETE ZZ (BB) ZZ222 20 TBD Call TI Call TI -40 to 85 DAC7545GLU NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545GLU DAC7545GLUG4 NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545GLU DAC7545JP OBSOLETE ZZ (BB) ZZ222 20 TBD Call TI Call TI -40 to 85 DAC7545JU NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545JU DAC7545JUG4 NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545JU DAC7545KP OBSOLETE ZZ (BB) ZZ222 20 TBD Call TI Call TI -40 to 85 DAC7545KU NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545KU DAC7545KUG4 NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545KU DAC7545LP OBSOLETE ZZ (BB) ZZ222 20 TBD Call TI Call TI -40 to 85 DAC7545LU NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545LU DAC7545LUG4 NRND SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR -40 to 85 DAC7545LU (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. |
Numéro de pièce similaire - DAC7545LU |
|
Description similaire - DAC7545LU |