Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFP460BPBF Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce IRFP460BPBF
Description  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP460BPBF Fiches technique(HTML) 7 Page - Vishay Siliconix

  IRFP460BPBF Datasheet HTML 1Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 2Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 3Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 4Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 5Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 6Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 7Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 8Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 01-Jul-13
1
Document Number: 91360
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-247AC (High Voltage)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Contour of slot optional.
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body.
4. Thermal pad contour optional with dimensions D1 and E1.
5. Lead finish uncontrolled in L1.
6. Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154").
7. Outline conforms to JEDEC outline TO-247 with exception of dimension c.
8. Xian and Mingxin actually photo.
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.58
5.31
0.180
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
A2
1.17
2.49
0.046
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
Ø k
0.254
0.010
b2
1.53
2.39
0.060
0.094
L
14.20
16.25
0.559
0.640
b3
1.65
2.37
0.065
0.093
L1
3.71
4.29
0.146
0.169
b4
2.42
3.43
0.095
0.135
N
7.62 BSC
0.300 BSC
b5
2.59
3.38
0.102
0.133
Ø P
3.51
3.66
0.138
0.144
c
0.38
0.86
0.015
0.034
Ø P1
-
7.39
-
0.291
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.82
0.776
0.820
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
S
5.51 BSC
0.217 BSC
ECN: X13-0103-Rev. D, 01-Jul-13
DWG: 5971
0.10
A
C
M
M
E
E/2
(2)
(4)
R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø k
B
D
M
M
A
ØP
(Datum B)
ØP1
D1
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
4
3
5
7
4
4
4
Lead Assignments
1. Gate
2. Drain
3. Source
4. Drain


Numéro de pièce similaire - IRFP460BPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IRFP460BPBF VISHAY-IRFP460BPBF Datasheet
214Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

Description similaire - IRFP460BPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com