Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G06GS Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AUP2G06GS
Description  Low-power dual inverter with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G06GS Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP2G06GS Datasheet HTML 3Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 4Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 5Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 6Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 7Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 8Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 9Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 10Page - NXP Semiconductors 74AUP2G06GS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74AUP2G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 6 December 2011
7 of 18
NXP Semiconductors
74AUP2G06
Low-power dual inverter with open-drain output
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
12.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.3
4.3
9.9
2.0
10.9
12.0
ns
VCC = 1.4 V to 1.6 V
1.8
3.1
6.1
1.5
7.1
7.8
ns
VCC = 1.65 V to 1.95 V
1.5
2.8
4.7
1.2
5.7
6.3
ns
VCC = 2.3 V to 2.7 V
1.2
2.2
3.2
1.0
3.9
4.3
ns
VCC = 3.0 V to 3.6 V
1.1
2.2
3.3
0.8
3.6
4.0
ns
CL = 10 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
15.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
5.4
11.2
2.5
13.2
15.0
ns
VCC = 1.4 V to 1.6 V
2.2
3.9
7.0
2.0
8.5
9.4
ns
VCC = 1.65 V to 1.95 V
1.9
3.6
5.4
1.7
6.7
7.4
ns
VCC = 2.3 V to 2.7 V
1.7
2.9
3.8
1.4
4.5
5.0
ns
VCC = 3.0 V to 3.6 V
1.6
3.2
4.6
1.2
4.9
5.4
ns
CL = 15 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
18.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.4
12.2
2.9
15.2
17.0
ns
VCC = 1.4 V to 1.6 V
2.6
4.6
7.7
2.3
9.4
10.0
ns
VCC = 1.65 V to 1.95 V
2.3
4.5
6.6
2.1
7.3
8.1
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
4.6
1.7
5.1
5.7
ns
VCC = 3.0 V to 3.6 V
2.0
4.0
6.0
1.5
6.5
7.2
ns
CL = 30 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
27.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.4
9.3
16.5
3.9
19.3
21.3
ns
VCC = 1.4 V to 1.6 V
3.6
6.8
10.1
3.2
12.0
13.2
ns
VCC = 1.65 V to 1.95 V
3.2
6.8
10.7
2.9
11.0
12.1
ns
VCC = 2.3 V to 2.7 V
2.9
5.3
7.2
2.6
7.8
8.6
ns
VCC = 3.0 V to 3.6 V
2.9
6.5
10.5
2.5
10.8
11.9
ns


Numéro de pièce similaire - 74AUP2G06GS

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G06GS NEXPERIA-74AUP2G06GS Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
More results

Description similaire - 74AUP2G06GS

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com