Moteur de recherche de fiches techniques de composants électroniques |
|
FAN4803CP-2 Fiches technique(PDF) 5 Page - Fairchild Semiconductor |
|
FAN4803CP-2 Fiches technique(HTML) 5 Page - Fairchild Semiconductor |
5 / 12 page PRODUCT SPECIFICATION FAN4803 REV. 1.2.3 11/2/04 5 GND GND is the return point for all circuits associated with this part. Note: a high-quality, low impedance ground is critical to the proper operation of the IC. High frequency grounding techniques should be used. Power Factor Correction Power factor correction makes a nonlinear load look like a resistive load to the AC line. For a resistor, the current drawn from the line is in phase with, and proportional to, the line voltage. This is defined as a unity power factor is (one). A common class of nonlinear load is the input of a most power supplies, which use a bridge rectifier and capacitive input fil- ter fed from the line. Peak-charging effect, which occurs on the input filter capacitor in such a supply, causes brief high- amplitude pulses of current to flow from the power line, rather than a sinusoidal current in phase with the line volt- age. Such a supply presents a power factor to the line of less than one (another way to state this is that it causes significant current harmonics to appear at its input). If the input current drawn by such a supply (or any other nonlinear load) can be made to follow the input voltage in instantaneous amplitude, it will appear resistive to the AC line and a unity power factor will be achieved. To hold the input current draw of a device drawing power from the AC line in phase with, and proportional to, the input voltage, a way must be found to prevent that device from loading the line except in proportion to the instantaneous line voltage. The PFC section of the FAN4803 uses a boost- mode DC-DC converter to accomplish this. The input to the converter is the full wave rectified AC line voltage. No filter- ing is applied following the bridge rectifier, so the input voltage to the boost converter ranges, at twice line frequency, from zero volts to the peak value of the AC input and back to zero. By forcing the boost converter to meet two simulta- neous conditions, it is possible to ensure that the current that the converter draws from the power line matches the instan- taneous line voltage. One of these conditions is that the output voltage of the boost converter must be set higher than the peak value of the line voltage. A commonly used value is 385VDC, to allow for a high line of 270VACRMS. The other condition is that the current that the converter is allowed to draw from the line at any given instant must be proportional to the line voltage. Since the boost converter topology in the FAN4803 PFC is of the current-averaging type, no slope compensation is required. Leading/Trailing Modulation Conventional Pulse Width Modulation (PWM) techniques employ trailing edge modulation in which the switch will turn ON right after the trailing edge of the system clock. The error amplifier output voltage is then compared with the modulating ramp. When the modulating ramp reaches the level of the error amplifier output voltage, the switch will be turned OFF. When the switch is ON, the inductor current will ramp up. The effective duty cycle of the trailing edge modu- lation is determined during the ON time of the switch. Figure 2 shows a typical trailing edge control scheme. Figure 2. Typical Trailing Edge Control Scheme. RAMP VEAO TIME VSW1 TIME REF EA – + – + OSC DFF R D Q Q CLK U1 RAMP CLK U4 U3 C1 RL I4 SW2 SW1 + DC I1 I2 I3 VIN L1 U2 |
Numéro de pièce similaire - FAN4803CP-2 |
|
Description similaire - FAN4803CP-2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |