Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF9N90CT Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FQPF9N90CT
Description  N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9N90CT Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FQPF9N90CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 21 mH, IAS = 9A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9.0A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
900
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.99
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 900 V, VGS = 0 V
--
--
10
µA
VDS = 720 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4 A
--
1.12
1.4
gFS
Forward Transconductance
VDS = 40 V, ID = 4 A
(Note 4)
--
9.2
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2100
2730
pF
Coss
Output Capacitance
--
175
230
pF
Crss
Reverse Transfer Capacitance
--
14
18
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 450 V, ID = 9.0A,
RG = 25 Ω
(Note 4, 5)
--
50
110
ns
tr
Turn-On Rise Time
--
120
250
ns
td(off)
Turn-Off Delay Time
--
100
210
ns
tf
Turn-Off Fall Time
--
75
160
ns
Qg
Total Gate Charge
VDS = 720 V, ID = 9.0A,
VGS = 10 V
(Note 4, 5)
--
45
58
nC
Qgs
Gate-Source Charge
--
13
--
nC
Qgd
Gate-Drain Charge
--
18
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
8.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
32.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 8 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9 A,
dIF / dt = 100 A/µs
(Note 4)
--
550
--
ns
Qrr
Reverse Recovery Charge
--
6.5
--
µC
©2003 Fairchild Semiconductor Corporation
FQP9N90C / FQPF9N90C Rev. C0
www.fairchildsemi.com


Numéro de pièce similaire - FQPF9N90CT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF9N90C FAIRCHILD-FQPF9N90C Datasheet
842Kb / 10P
   900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQPF9N90C THINKISEMI-FQPF9N90C Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQPF9N90C ISC-FQPF9N90C Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FQPF9N90CT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
logo
MagnaChip Semiconductor...
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com