Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMA8275C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce GMA8275C
Description  1.2 INCH 30.5mm 5 X 7 DOT MATRIX STICK DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA8275C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  GMA8275C Datasheet HTML 1Page - Fairchild Semiconductor GMA8275C Datasheet HTML 2Page - Fairchild Semiconductor GMA8275C Datasheet HTML 3Page - Fairchild Semiconductor GMA8275C Datasheet HTML 4Page - Fairchild Semiconductor GMA8275C Datasheet HTML 5Page - Fairchild Semiconductor GMA8275C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.2 INCH (30.5mm) 5 X 7
DOT MATRIX STICK DISPLAY
VIPG Sunnyvale
TR -
09:18:97
PIN CONNECTION:
GMA8275C
Pin Number
Function
Pin Number
Function
1
Anode Row 5
8
Anode Row 3
2
Anode Row 7
9
Anode Row 1
3
Cathode Column 2
10
Cathode Column 4
4
Cathode Column 3
11
Cathode Column 3
5
Anode Row 4
12
Anode Row 4
6
Cathode Column 5
13
Cathode Column 1
7
Anode Row 6
14
Anode Row 2
GMC8275C
Pin Number
Function
Pin Number
Function
1
Cathode Row 5
8
Cathode Row 3
2
Cathode Row 7
9
Cathode Row 1
3
Anode Column 2
10
Anode Column 4
4
Anode Column 3
11
Anode Column 3
5
Cathode Row 1
12
Cathode Row 4
6
Anode Column 5
13
Anode Column 1
7
Cathode Row 6
14
Cathode Row 2
127


Numéro de pièce similaire - GMA8275C

FabricantNo de pièceFiches techniqueDescription
logo
Guilin Strong Micro-Ele...
GMA812 GSME-GMA812 Datasheet
221Kb / 2P
   PNP General Purpose Transistor
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMA8675C QT-GMA8675C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8675C FAIRCHILD-GMA8675C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
More results

Description similaire - GMA8275C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
C-3570X ETC-C-3570X Datasheet
93Kb / 1P
   1.2 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMC7275C FAIRCHILD-GMC7275C Datasheet
236Kb / 6P
   0.7 INCH (17.2MM) 5 X 7 DOT MATRIX STICK DISPLAY
GMA2275C FAIRCHILD-GMA2275C Datasheet
197Kb / 5P
   2.0 INCH (50.8 mm) 5 X 7 DOT MATRIX STICK DISPLAY
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-3880X ETC-C-3880X Datasheet
117Kb / 1P
   1.2 INCH, 8 X 8 DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com