Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W02 Fiches technique(PDF) 5 Page - Kingtronics International Company

No de pièce W02
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGTRONICS [Kingtronics International Company]
Site Internet  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

W02 Fiches technique(HTML) 5 Page - Kingtronics International Company

  W02 Datasheet HTML 1Page - Kingtronics International Company W02 Datasheet HTML 2Page - Kingtronics International Company W02 Datasheet HTML 3Page - Kingtronics International Company W02 Datasheet HTML 4Page - Kingtronics International Company W02 Datasheet HTML 5Page - Kingtronics International Company W02 Datasheet HTML 6Page - Kingtronics International Company W02 Datasheet HTML 7Page - Kingtronics International Company W02 Datasheet HTML 8Page - Kingtronics International Company W02 Datasheet HTML 9Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
5
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
KBU806
600
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU808
800
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU810
1000
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU10005
50
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1001
100
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1002
200
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1004
400
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1006
600
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1008
800
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1010
1000
10.0
150
5.0/10
1.0/1.1
10
5001)
2.2
-55~+150
KBU
KBU15005
50
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1501
100
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1502
200
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1504
400
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1506
600
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1508
800
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1510
1000
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU25005
50
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2501
100
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2502
200
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2504
400
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2506
600
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2508
800
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2510
1000
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
GBP2005
50
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP201
100
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP202
200
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP204
400
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP206
600
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP208
800
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP210
1000
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
Note:1)TA=125℃
Note: Specifications are subject to change without notice.


Numéro de pièce similaire - W02

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
W02 SURGE-W02 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W02 DAYA-W02 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W02 SUNTAN-W02 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W02 SEMTECH-W02 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W02 CHENG-YI-W02 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Description similaire - W02

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com