Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SV304 Fiches technique(PDF) 1 Page - Zhaoxingwei Electronics ., Ltd

No de pièce 1SV304
Description  Silicon Epitaxial Planar Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Site Internet  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

1SV304 Fiches technique(HTML) 1 Page - Zhaoxingwei Electronics ., Ltd

  1SV304 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon Epitaxial Planar Diode
1SV304
Features
High Capacitance Ratio:C1V/C4V=3.0(Typ.)
Low Series Resistance:rs=0.27
(Typ.)
Absolute Maxim um Ratings Ta = 25
Param eter
Sym bol
Value
Unit
Reverse Voltage
VR
10
V
Junction Tem perature
Tj
125
Storage Tem perature Range
Tstg
-55to+125
Electrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M in
Typ
M ax
U nit
R everse V oltage
V R
IR =1
A
10
V
R everse C urrent
IR
V R =10 V
3
nA
C 1V
f= 1 M H z;V R = 1 V
17.3
18.3
19.3
C 4V
f= 1 M H z;V R = 4 V
5.3
6.1
6.6
C apacitance R atio
C 1V/C 4V
2.8
3
S eries R esistance
rs
V R = 1V , f = 470 M H z
0.27
0.32
C apacitance
pF
Marking
Marking
TV


Numéro de pièce similaire - 1SV304

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SV304 TOSHIBA-1SV304 Datasheet
92Kb / 2P
   VARIABLE CAPACITANCE DIODE (VCO FOR VHF BAND RADIO)
1SV304 TOSHIBA-1SV304 Datasheet
218Kb / 3P
   VCO for VHF Band Radio
logo
Guangdong Kexin Industr...
1SV304 KEXIN-1SV304 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV304 TOSHIBA-1SV304_07 Datasheet
218Kb / 3P
   VCO for VHF Band Radio
1SV304 TOSHIBA-1SV304_14 Datasheet
162Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results

Description similaire - 1SV304

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com