Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS19 Fiches technique(PDF) 1 Page - Kingtronics International Company

No de pièce SS19
Description  1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGTRONICS [Kingtronics International Company]
Site Internet  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SS19 Fiches technique(HTML) 1 Page - Kingtronics International Company

  SS19 Datasheet HTML 1Page - Kingtronics International Company SS19 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
SS12 THRU SS110
1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Voltage Range 20 to 100 Volts Current 1.0Amperes
FEATURES
SMA
Dimensions in inches and (millimeters)
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering: 260℃ / 10 seconds at terminals
MECHANICAL DATA
Case:
molded plastic
Terminals: Solder plated
Polarity : Indicated by cathode band
Packaging: 12mm tape EIA STD RS-481
Weight: 0.074gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load current derate by 20%.
Type Number
SS12 SS13 SS14 SS15 SS16 SS19 SS110 UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
at TL(See Fig. 2)
IF(AV)
1.0
A
Peak Forward Surge Current,8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note@1.0 A
VF
0.50
0.75
0.80
V
Maximum DC Reverse Crrent @ TA=25℃
At Rated DC Blocking Voltage @ TA=125℃
IR
0.4
10.0
0.4
5.0
0.1
2.0
mA
Typical Thermal Resistance (Note )
RQJL
RQJA
28
88
/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Ranage
TSTG
-65 to +150
NOTE: Measured on P.C. Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas


Numéro de pièce similaire - SS19

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS19 PANJIT-SS19 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Daya Electric Group Co....
SS19 DAYA-SS19 Datasheet
166Kb / 2P
   1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SS19 BILIN-SS19 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SS19 SURGE-SS19 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
RFE international
SS19 RFE-SS19 Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
More results

Description similaire - SS19

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HSMA5817 HSMC-HSMA5817 Datasheet
37Kb / 3P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
S1A LUGUANG-S1A Datasheet
176Kb / 2P
   1.0AMP.Surface Mount Rectifiers
FR1A LUGUANG-FR1A Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
RS1A LUGUANG-RS1A Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com