Moteur de recherche de fiches techniques de composants électroniques |
|
CD4077BNSR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
CD4077BNSR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 30 page 1 Data sheet acquired from Harris Semiconductor SCHS055E Features • High-Voltage Types (20V Rating) • CD4070B - Quad Exclusive-OR Gate • CD4077B - Quad Exclusive-NOR Gate • Medium Speed Operation -tPHL, tPLH = 65ns (Typ) at VDD = 10V, CL = 50pF • 100% Tested for Quiescent Current at 20V • Standardized Symmetrical Output Characteristics • 5V, 10V and 15V Parametric Ratings • Maximum Input Current of 1 µA at 18V Over Full Package Temperature Range - 100nA at 18V and 25oC • Noise Margin (Over Full Package Temperature Range) - 1V at VDD = 5V, 2V at VDD = 10V, 2.5V at VDD = 15V • Meets All Requirements of JEDEC Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices Applications • Logical Comparators • Adders/Subtractors • Parity Generators and Checkers Description The Harris CD4070B contains four independent Exclusive- OR gates. The Harris CD4077B contains four independent Exclusive-NOR gates. The CD4070B and CD4077B provide the system designer with a means for direct implementation of the Exclusive-OR and Exclusive-NOR functions, respectively. NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD4070BE -55 to 125 14 Ld PDIP CD4070BF3A -55 to 125 14 Ld CERDIP CD4070BM -55 to 125 14 Ld SOIC CD4070BMT -55 to 125 14 Ld SOIC CD4070BM96 -55 to 125 14 Ld SOIC CD4070BNSR -55 to 125 14 Ld SOP CD4070BPW -55 to 125 14 Ld TSSOP CD4070BPWR -55 to 125 14 Ld TSSOP CD4077BE -55 to 125 14 Ld PDIP CD4077BF3A -55 to 125 14 Ld CERDIP CD4077BM -55 to 125 14 Ld SOIC CD4077BMT -55 to 125 14 Ld SOIC CD4077BM96 -55 to 125 14 Ld SOIC CD4077BNSR -55 to 125 14 Ld SOP CD4077BPW -55 to 125 14 Ld TSSOP CD4077BPWR -55 to 125 14 Ld TSSOP CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD4070B, CD4077B CMOS Quad Exclusive-OR and Exclusive-NOR Gate [ /Title (CD40 70B, CD407 7B) /Sub- ject (CMO S Quad Exclu- sive- OR and Exclu- sive- NOR Gate) /Autho r () /Key- words (Har- ris Semi- con- ductor, CD400 0, metal gate, CMOS , pdip, cerdip, mil, January 1998 - Revised September 2003 |
Numéro de pièce similaire - CD4077BNSR |
|
Description similaire - CD4077BNSR |