Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL1315RA-152JR68-PF Fiches technique(PDF) 1 Page - TDK Electronics

No de pièce TSL1315RA-152JR68-PF
Description  Inductors For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

TSL1315RA-152JR68-PF Fiches technique(HTML) 1 Page - TDK Electronics

  TSL1315RA-152JR68-PF Datasheet HTML 1Page - TDK Electronics TSL1315RA-152JR68-PF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
002-04 / 20050831 / e532_tsl1315.fm
Inductors
TSL Series TSL1315 Type
For Power Line
Radial
FEATURES
• The TSL series feature low DC resistance and high current han-
dling capacities, making them ideal for power supply line appli-
cations.
• These parts are manufactured to a high degree of dimensional
accuracy using non-flammable material (UL94V-0).
• Available in tape packaging to support automated mounting
machines.
• This product conforms to the standards that are slated to be
introduced under the RoHS Directive.
APPLICATIONS
Televisions, VCRs, personal computers, and other electronic
equipments.
SPECIFICATIONS
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
(6)Rated current
(7)Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
Operating temperature range
–20 to +85°C
[Including self-temperature rise]
Storage temperature range
–40 to +85°C[Unit of products]
Terminal tensile strength
9.8N min.
Flow soldering condition
260°C /10 seconds
TSL 1315 RA- 100 K 5R1 - PF
(1)
(2)
(3)
(4) (5) (6)
(7)
1315
ø14
×17mm (lead pitch 7.5mm)
RA
Taping(Ammo-pack)
SBulk
100
10
µH
102
1000
µH
J±5%
K±10%
5R1
5.1A
R99
0.99A
PF
Lead-free compatible product
Packaging style
Quantity
Taping
(Ammo-pack)
200 pieces/box
Bulk
50 pieces/pack
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Numéro de pièce similaire - TSL1315RA-152JR68-PF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSL1315RA ETC-TSL1315RA Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

Description similaire - TSL1315RA-152JR68-PF

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com