Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16244DLR Fiches technique(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

No de pièce 74ACT16244DLR
Description  Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Site Internet  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

74ACT16244DLR Fiches technique(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button 74ACT16244DLR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74ACT16244DGGR
TSSOP
DGG
48
2000
367.0
367.0
45.0
74ACT16244DLR
SSOP
DL
48
1000
367.0
367.0
55.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2


Numéro de pièce similaire - 74ACT16244DLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16244DLR TI-74ACT16244DLR Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74ACT16244DLRG4 TI-74ACT16244DLRG4 Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16244DLR

FabricantNo de pièceFiches techniqueDescription
logo
Micross Components
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
   All inputs and outputs are TTL compatible
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
   All inputs and outputs are TTL-compatible
logo
STMicroelectronics
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
   IMPROVED LATCH-UP IMMUNITY
February 2003
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Cree, Inc
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com