Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1530AP-N2.112 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TEA1530AP-N2.112
Description  GreenChip II SMPS control IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1530AP-N2.112 Fiches technique(HTML) 1 Page - NXP Semiconductors

  TEA1530AP-N2.112 Datasheet HTML 1Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 2Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 3Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 4Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 5Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 6Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 7Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 8Page - NXP Semiconductors TEA1530AP-N2.112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The GreenChip II is the second generation of green Switched Mode Power Supply
(SMPS) controller ICs. Its high level of integration allows the design of a cost effective
power supply with a very low number of external components.
The TEA1530(A) (TEA1530T, TEA1530AT and TEA1530AP) can be used in fixed
frequency converter designs for low voltage, high current applications. At low power
(standby) levels, the system operates in cycle skipping mode which minimizes the
switching losses during standby.
The proprietary high voltage BCD800 process makes direct start-up possible from the
rectified universal mains voltage in an effective and green way. A second low voltage
BICMOS IC is used for accurate, high speed protection functions and control.
The TEA1530(A) enables highly efficient and reliable supplies to be designed easily.
2.
Features
2.1 Distinctive features
I Universal mains supply operation, 70 VAC to 276 VAC.
I High level of integration, resulting in a very low external component count.
I Fixed frequency operation.
2.2 Green features
I Cycle skipping mode at very low loads; input power < 300 mW at no-load operation for
a typical adapter application.
I On-chip start-up current source.
2.3 Protection features
I Safe restart mode for system fault conditions.
I Undervoltage protection (foldback during overload).
I IC OverTemperature Protection (OTP) (latched).
I Low and adjustable OverCurrent Protection (OCP) trip level.
I Soft (re)start.
I Mains voltage-dependent operation-enabling level.
I TEA1530AT and TEA1530AP: General purpose input for latched or safe restart
protection and timing, e.g. to be used for OverVoltage Protection (OVP), output short
circuit protection or system OTP.
TEA1530T/AT/AP
GreenChip II SMPS control IC
Rev. 01 — 30 June 2008
Product data sheet


Numéro de pièce similaire - TEA1530AP-N2.112

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1530AP NXP-TEA1530AP Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
More results

Description similaire - TEA1530AP-N2.112

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
TEA1530T NXP-TEA1530T Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com