Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1111ANZ-3.3 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADP1111ANZ-3.3
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1111ANZ-3.3 Fiches technique(HTML) 4 Page - Analog Devices

  ADP1111ANZ-3.3 Datasheet HTML 1Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 2Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 3Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 4Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 5Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 6Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 7Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 8Page - Analog Devices ADP1111ANZ-3.3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISWITCH CURRENT – A
1.4
0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.2
0.6
0.4
0.2
1.0
0.8
VIN = 2V
VIN = 3V
VIN = 5V
Figure 2. Saturation Voltage vs. ISWITCH Current in
Step-Up Mode
ISWITCH CURRENT – A
2.0
0
0.1
0.2
0.4
0.6
0.8
0.9
1.8
0.6
0.4
0.2
1.6
1.4
VIN = 12V
1.2
1.0
0.8
Figure 3. Switch ON Voltage vs. ISWITCH Current In
Step-Down Mode
INPUT VOLTAGE – V
1.5
30
3
6
9
12
15
18
21
24
27
0
1400
1200
1000
800
600
400
200
QUIESCENT CURRENT
Figure 4. Quiescent Current vs. Input Voltage
ADP1111–Typical Characteristics
–4–
REV. 0
76
71
67
230
4
6
8
10
12
15
1821
2427
75
72
70
69
74
73
INPUT VOLTAGE – V
OSCILLATOR FREQUENCY
68
Figure 5. Oscillator Frequency vs. Input Voltage
RLIM – Ω
1.9
1.7
0.1
1
1000
10
100
1.5
1.3
0.5
1.1
0.9
0.7
0.3
STEP-DOWN WITH
VIN = 12V
STEP-UP WITH
2V < VIN < 5V
Figure 6. Maximum Switch Current vs. RLIM
TEMPERATURE – C
80
70
60
–40
85
25
64
62
68
66
OSCILLATOR FREQUENCY
70
0
78
72
76
74
Figure 7. Oscillator Frequency vs. Temperature
REV. A


Numéro de pièce similaire - ADP1111ANZ-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1111ANZ-3.3 AD-ADP1111ANZ-3.3 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Description similaire - ADP1111ANZ-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com