Moteur de recherche de fiches techniques de composants électroniques |
|
AD8656ARZ-REEL Fiches technique(PDF) 5 Page - Analog Devices |
|
AD8656ARZ-REEL Fiches technique(HTML) 5 Page - Analog Devices |
5 / 20 page Data Sheet AD8655/AD8656 Rev. D | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltage 6 V Input Voltage VSS − 0.3 V to VDD + 0.3 V Differential Input Voltage ±6 V Output Short-Circuit Duration to GND Indefinite Electrostatic Discharge (HBM) 3.0 kV Storage Temperature Range R, RM Packages −65°C to +150°C Junction Temperature Range R, RM Packages −65°C to +150°C Lead Temperature (Soldering, 10 sec) 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 4. Package Type θJA1 θJC Unit 8-Lead MSOP (RM) 210 45 °C/W 8-Lead SOIC (R) 158 43 °C/W 1 θJA is specified for worst-case conditions; that is, θJA is specified for a device soldered in the circuit board for surface-mount packages. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - AD8656ARZ-REEL |
|
Description similaire - AD8656ARZ-REEL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |