Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTUD162450GX Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FSTUD162450GX
Description  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD162450GX Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FSTUD162450GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
Truth Tables (Continued)
4-Bit Configuration (S0 = S1 = H)
Inputs
Inputs/Outputs
OE1
OE2
OE3
OE4
OE5
1A1-4, 1B1-4
1A5-8, 1B5-8
2A3-6, 2B3-6
2A7-10, 2B7-10
1A9-10, 1B9-10
2A1-2, 2B1-2
LLL
LL
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LLL
L
H
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
Z
LLL
H
L
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
LLL
H
H
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
ZZ
LL
H
L
L
1Ax = 1Bx
1Ay = 1By
Z2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LL
H
L
H
1Ax = 1Bx
1Ay = 1By
Z2Ay = 2By
Z
LL
H
H
L
1Ax = 1Bx
1Ay = 1By
ZZ
1Az = 1Bz
2Az = 2Bz
LL
H
H
H
1Ax = 1Bx
1Ay = 1By
ZZZ
LH
L
L
L
1Ax = 1Bx
Z2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LH
L
L
H
1Ax = 1Bx
Z2Ax = 2Bx
2Ay = 2By
Z
LH
LH
L
1Ax = 1Bx
Z2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
LH
LH
H
1Ax = 1Bx
Z2Ax = 2Bx
ZZ
LH
H
L
L
1Ax = 1Bx
ZZ
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LH
H
L
H
1Ax = 1Bx
ZZ
2Ay = 2By
Z
L
HHH
L
1Ax = 1Bx
ZZ
Z
1Az = 1Bz
2Az = 2Bz
L
HHH
H
1Ax = 1Bx
Z
ZZZ
HL
L
L
L
Z
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HL
L
L
H
Z
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
Z
HL
L
H
L
Z
1Ay = 1By
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
HL
L
H
H
Z
1Ay = 1By
2Ax = 2Bx
ZZ
HL
H
L
L
Z
1Ay = 1By
Z2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HL
H
L
H
Z
1Ay = 1By
Z2Ay = 2By
Z
HL
H
H
L
Z
1Ay = 1By
ZZ
1Az = 1Bz
2Az = 2Bz
HL
H
H
H
Z
1Ay = 1By
ZZZ
HH
L
L
L
Z
Z
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HH
L
L
H
Z
Z
2Ax = 2Bx
2Ay = 2By
Z
HH
L
H
L
Z
Z
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
HH
L
H
H
Z
Z
2Ax = 2Bx
ZZ
HHH
L
L
Z
Z
Z
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HHH
L
H
Z
Z
Z
2Ay = 2By
Z
HHHH
L
Z
Z
Z
Z
1Az = 1Bz
2Az = 2Bz
HHHH
H
Z
Z
Z
Z
Z


Numéro de pièce similaire - FSTUD162450GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Description similaire - FSTUD162450GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
   Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com