Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5791BRUZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5791BRUZ
Description  1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5791BRUZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5791BRUZ Datasheet HTML 6Page - Analog Devices AD5791BRUZ Datasheet HTML 7Page - Analog Devices AD5791BRUZ Datasheet HTML 8Page - Analog Devices AD5791BRUZ Datasheet HTML 9Page - Analog Devices AD5791BRUZ Datasheet HTML 10Page - Analog Devices AD5791BRUZ Datasheet HTML 11Page - Analog Devices AD5791BRUZ Datasheet HTML 12Page - Analog Devices AD5791BRUZ Datasheet HTML 13Page - Analog Devices AD5791BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5791
Data Sheet
Rev. D | Page 10 of 28
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
200000
400000
600000
800000
1000000
DAC CODE
VREFP = +5V
VREFN = 0V
VDD = +15V
VSS = –15V
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 11. Differential Nonlinearity Error vs. DAC Code, 5 V Span
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
200000
400000
600000
800000
1000000
DAC CODE
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
TA = +25°C
TA = –40°C
TA = +125°C
Figure 12. Differential Nonlinearity Error vs. DAC Code, ±10 V Span,
X2 Gain Mode
1.0
1.5
2.0
0.5
0
–0.5
–1.0
–1.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN MAX INL
+5V SPAN MAX INL
+10V SPAN MIN INL
+10V SPAN MAX INL
±10V SPAN MIN INL
+5V SPAN MIN INL
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
Figure 13. Integral Nonlinearity Error vs. Temperature
1.0
0.5
0
–0.5
–1.0
–1.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN MAX DNL
+5V SPAN MAX DNL
+10V SPAN MIN DNL
+10V SPAN MAX DNL
±10V SPAN MIN DNL
+5V SPAN MIN DNL
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
Figure 14. Differential Nonlinearity Error vs. Temperature
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.2
–0.1
–0.3
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
VDD/|VSS| (V)
TA = 25°C
VREFP = +10V
VREFN = –10V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
INL MAX
INL MIN
Figure 15. Integral Nonlinearity Error vs. Supply Voltage, ±10 V Span
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
VDD (V)
–2.5
–3.9
–5.3
–6.7
–9.1
–10.5 –12.9 –14.2 –15.5 –16.5
VSS (V)
TA = 25°C
VREFP = +5V
VREFN = 0V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
INL MAX
INL MIN
Figure 16. Integral Nonlinearity Error vs. Supply Voltage, 5 V Span


Numéro de pièce similaire - AD5791BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5791BRUZ AD-AD5791BRUZ Datasheet
915Kb / 27P
   Voltage Output DAC
More results

Description similaire - AD5791BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
AD7676ASTZ AD-AD7676ASTZ Datasheet
348Kb / 20P
   16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
REV. B
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com