Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5251BRU1-RL7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5251BRU1-RL7
Description  Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5251BRU1-RL7 Fiches technique(HTML) 3 Page - Analog Devices

  AD5251BRU1-RL7 Datasheet HTML 1Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 2Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 3Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 4Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 5Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 6Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 7Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 8Page - Analog Devices AD5251BRU1-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5251/AD5252
Rev. D | Page 3 of 28
ELECTRICAL CHARACTERISTICS
1 kΩ VERSION
VDD = 3 V ± 10% or 5 V ± 10%, VSS = 0 V or VDD/VSS = ±2.5 V ± 10%, VA = VDD, VB = 0 V, –40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—
RHEOSTAT MODE
Resolution
N
AD5251
6
Bits
AD5252
8
Bits
Resistor Differential Nonlinearity2
R-DNL
R
WB, RWA = NC, VDD = 5.5 V, AD5251
–0.5
±0.2
+0.5
LSB
R
WB, RWA = NC, VDD = 5.5 V, AD5252
–1.00
±0.25
+1.00
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5251
–0.75
±0.30
+0.75
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5252
–1.5
±0.3
+1.5
LSB
Resistor Nonlinearity2
R-INL
R
WB, RWA = NC, VDD = 5.5 V, AD5251
–0.5
±0.2
+0.5
LSB
R
WB, RWA = NC, VDD = 5.5 V, AD5252
–2.0
±0.5
+2.0
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5251
–1.0
+2.5
+4.0
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5252
–2
+9
+14
LSB
Nominal Resistor Tolerance
ΔR
AB/RAB
T
A = 25°C
–30
+30
%
Resistance Temperature Coefficient
(ΔR
AB/RAB) × 10
6/ΔT
650
ppm/°C
Wiper Resistance
R
W
I
W = 1 V/R, VDD = 5 V
75
130
I
W = 1 V/R, VDD = 3 V
200
300
Channel-Resistance Matching
ΔR
AB1/ΔRAB3
0.15
%
DC CHARACTERISTICS—
POTENTIOMETER DIVIDER MODE
Differential Nonlinearity3
DNL
AD5251
–0.5
±0.1
+0.5
LSB
AD5252
–1.00
±0.25
+1.00
LSB
Integral Nonlinearity3
INL
AD5251
–0.5
±0.2
+0.5
LSB
AD5252
–2.0
±0.5
+2.0
LSB
Voltage Divider Tempco
(ΔV
W/VW) × 10
6/ΔT
Code = half scale
25
ppm/°C
Full-Scale Error
V
WFSE
Code = full scale, V
DD = 5.5 V, AD5251
–5
–3
0
LSB
Code = full scale, V
DD = 5.5 V, AD5252
–16
–11
0
LSB
Code = full scale, V
DD = 2.7 V, AD5251
−6
–4
0
LSB
Code = full scale, V
DD = 2.7 V, AD5252
–23
–16
0
LSB
Zero-Scale Error
V
WZSE
Code = zero scale, V
DD = 5.5 V, AD5251
0
3
5
LSB
Code = zero scale, V
DD = 5.5 V, AD5252
0
11
16
LSB
Code = zero scale, V
DD = 2.7 V, AD5251
0
4
6
LSB
Code = zero scale, V
DD = 2.7 V, AD5252
0
15
20
LSB
RESISTOR TERMINALS
Voltage Range4
V
A, VB, VW
V
SS
V
DD
V
Capacitance5 A, B
C
A, CB
f = 1 kHz, measured to GND,
code = half scale
85
pF
Capacitance5 W
C
W
f = 1 kHz, measured to GND,
code = half scale
95
pF
Common-Mode Leakage Current
I
CM
V
A = VB = VDD/2
0.01
1
µA


Numéro de pièce similaire - AD5251BRU1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5251BRU1-RL7 AD-AD5251BRU1-RL7 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results

Description similaire - AD5251BRU1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com