Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD737JRZ-5 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD737JRZ-5
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-5 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD737JRZ-5 Datasheet HTML 7Page - Analog Devices AD737JRZ-5 Datasheet HTML 8Page - Analog Devices AD737JRZ-5 Datasheet HTML 9Page - Analog Devices AD737JRZ-5 Datasheet HTML 10Page - Analog Devices AD737JRZ-5 Datasheet HTML 11Page - Analog Devices AD737JRZ-5 Datasheet HTML 12Page - Analog Devices AD737JRZ-5 Datasheet HTML 13Page - Analog Devices AD737JRZ-5 Datasheet HTML 14Page - Analog Devices AD737JRZ-5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 11 of 24
100µV
10mV
1mV
1V
100mV
10V
0.1
1
10
100
1000
FREQUENCY (kHz)
VS = ±2.5V,
CAV = 22µF, CF = 4.7µF, CC = 22µF
–3dB
0.5%
10%
1%
Figure 20. Error Contours Driving Pin 1
0
1
2
3
4
5
1
2
3
4
5
CREST FACTOR
CAV =
22µF
CAV =
10µF
CAV =
100µF
CAV =
220µF
CAV =
33µF
3 CYCLES OF 1kHz
200mV rms
VS = ±2.5V
CC = 22µF
CF = 100µF
Figure 21. Additional Error vs. Crest Factor for Various Values of CAV
–2.5
0.5
–0.5
–1.0
–1.5
–2.0
0
1.0
10mV
100mV
1V
2V
INPUT LEVEL (rms)
CAV = 22µF, VS = ±2.5V
CC = 47µF, CF = 4.7µF
Figure 22. Error vs. RMS Input Level Driving Pin 1


Numéro de pièce similaire - AD737JRZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD737JR AD-AD737JR Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737JR-REEL AD-AD737JR-REEL Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737JR-REEL7 AD-AD737JR-REEL7 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
More results

Description similaire - AD737JRZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com