Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-3550-L0000 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-3550-L0000
Description  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3550-L0000 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3550-L0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Package Dimensions
25.40
(1.00)
MIN.
6.10 (0.240)
5.59 (0.220)
2.54 (0.100)
NOM.
9.19 (0.362)
8.43 (0.332)
5.08 (0.200)
4.57 (0.180)
CATHODE
LEAD
(NOTE 1)
0.89 (0.035)
0.64 (0.025)
1.27 (0.050)
NOM.
0.102 (0.004)
MAX. TYP.
0.46 (0.018)
SQUARE
NOMINAL
PACKAGE OUTLINE "D"
HLMP-3914
22.86
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
2.54 (0.100)
NOM.
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.10 (0.004)
MAX.
0.74 (0.029)
0.58 (0.023)
SQUARE
12.47 (0.491)
11.71 (0.461)
1.02 (0.040)
MAX.
CATHODE
FLAT
‡
PACKAGE OUTLINE "E"
HLMP-3960
23.0
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.53 (0.021)
0.43 (0.017)
13.11 (0.516)
12.34 (0.486)
1.02 (0.040) MAX.
EPOXY
MENISCUS
CATHODE
FLAT
PACKAGE OUTLINE "F"
HLMP-3707/3907
SQ.
2.79 (0.110)
2.29 (0.090)
1.32 (0.052)
1.02 (0.040)


Numéro de pièce similaire - HLMP-3550-L0000

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-3553 HP-HLMP-3553 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3554 HP-HLMP-3554 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3554 AVAGO-HLMP-3554 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-355X HP-HLMP-355X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-355X-0000 BOARDCOM-HLMP-355X-0000 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Description similaire - HLMP-3550-L0000

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com