Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM2209EARUZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADM2209EARUZ
Description  EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM2209EARUZ Fiches technique(HTML) 4 Page - Analog Devices

  ADM2209EARUZ Datasheet HTML 1Page - Analog Devices ADM2209EARUZ Datasheet HTML 2Page - Analog Devices ADM2209EARUZ Datasheet HTML 3Page - Analog Devices ADM2209EARUZ Datasheet HTML 4Page - Analog Devices ADM2209EARUZ Datasheet HTML 5Page - Analog Devices ADM2209EARUZ Datasheet HTML 6Page - Analog Devices ADM2209EARUZ Datasheet HTML 7Page - Analog Devices ADM2209EARUZ Datasheet HTML 8Page - Analog Devices ADM2209EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADM2209E
–4–
PIN FUNCTION DESCRIPTION
Pin Number
Mnemonic
Function
1R5OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
2R4OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
3R3OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
4R2OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
5R1OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
6T3INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
7T2INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
8T1INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
9
STBY
3.3 V/5 V Standby Power Supply for Receiver R5 in Ports A and B
10
VDD
Positive Power Supply, Nominally +12 V
11
C+
Positive Terminal of C1 (If C1 is polarized capacitor.)
12
T1INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
13
T2INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
14
T3INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
15
R1OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
16
R2OUTB
Receiver Output (3 V/5 V TTL/CMOS Logic Levels)
17
R3OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
18
R4OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
19
R5OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
20
R5INB
Receiver Input (EIA-232 Signal Levels)
21
R4INB
Receiver Input (EIA-232 Signal Levels)
22
R3INB
Receiver Input (EIA-232 Signal Levels)
23
R2INB
Receiver Input (EIA-232 Signal Levels)
24
R1INB
Receiver Input (EIA-232 Signal Levels)
25
T3OUTB
Driver Output (EIA-232 Signal Levels)
26
T2OUTB
Driver Output (EIA-232 Signal Levels)
27
T1OUTB
Driver Output (EIA-232 Signal Levels)
28
GND
Ground Pin. Must Be Connected to 0 V
29
C–
Negative Terminal of C1 (If C1 is polarized capacitor.)
30
V–
Inverter Output (–12 V Nominal)–Terminal of C2 (If C2 is polarized capacitor.)
31
T1OUTA
Driver Output (EIA-232 Signal Levels)
32
T2OUTA
Driver Output (EIA-232 Signal Levels)
33
T3OUTA
Driver Output (EIA-232 Signal Levels)
34
R1INA
Receiver Input (EIA-232 Signal Levels)
35
R2INA
Receiver Input (EIA-232 Signal Levels)
36
R3INA
Receiver Input (EIA-232 Signal Levels)
37
R4INA
Receiver Input (EIA-232 Signal Levels)
38
R5INA
Receiver Input (EIA-232 Signal Levels)


Numéro de pièce similaire - ADM2209EARUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM2209EARU AD-ADM2209EARU Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
More results

Description similaire - ADM2209EARUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com