Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9613BCPZ-210 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9613BCPZ-210
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9613BCPZ-210 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9613BCPZ-210 Datasheet HTML 5Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 6Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 9Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 10Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 11Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 12Page - Analog Devices AD9613BCPZ-210 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
AD9613
Rev. C | Page 9 of 36
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNC TIMING REQUIREMENTS
See Figure 3 for timing details
tSSYNC
SYNC to the rising edge of CLK setup time
0.3
ns
tHSYNC
SYNC to the rising edge of CLK hold time
0.4
ns
SPI TIMING REQUIREMENTS
See Figure 58 for SPI timing diagram
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK should be in a logic high state
10
ns
tLOW
Minimum period that SCLK should be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output
relative to the SCLK falling edge (not shown in Figure 58)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input
relative to the SCLK rising edge (not shown in Figure 58)
10
ns


Numéro de pièce similaire - AD9613BCPZ-210

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9613BCPZ-210 AD-AD9613BCPZ-210 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613BCPZ-210 AD-AD9613BCPZ-210 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results

Description similaire - AD9613BCPZ-210

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com