Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTD3125M Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSTD3125M
Description  4-Bit Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD3125M Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSTD3125M Datasheet HTML 1Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 2Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 3Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 4Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 5Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 6Page - Fairchild Semiconductor FSTD3125M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500448
www.fairchildsemi.com
June 2001
Revised June 2001
FSTD3125
4-Bit Bus Switch with Level Shifting
General Description
The Fairchild Switch FSTD3125 provides four high-speed
CMOS TTL-compatible bus switches. The low On Resis-
tance of the switch allows inputs to be connected to out-
puts without adding propagation delay or generating
additional ground bounce noise. A diode to VCC has been
integrated into the circuit to allow for level shifting between
5V inputs and 3.3V outputs.
The device is organized as four 1-bit switches with sepa-
rate OE inputs. When OE is LOW, the switch is ON and
Port A is connected to Port B. When OE is HIGH, the
switch is OPEN and a high-impedance state exists
between the two ports.
Features
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s TruTranslation
 voltage translation from 5.0V inputs to
3.3V outputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SOIC and TSSOP
Pin Assignment for QSOP
Pin Descriptions
Truth Table
TruTranslation
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTD3125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FSTD3125QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSTD3125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2, OE3, OE4
Bus Switch Enables
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
Inputs
Inputs/Outputs
OE
A, B
LA
= B
HZ


Numéro de pièce similaire - FSTD3125M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTD3125M FAIRCHILD-FSTD3125M Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD3125MTC FAIRCHILD-FSTD3125MTC Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD3125MTC FAIRCHILD-FSTD3125MTC Datasheet
440Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD3125MTCX FAIRCHILD-FSTD3125MTCX Datasheet
440Kb / 8P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125MTCX ONSEMI-FSTD3125MTCX Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
More results

Description similaire - FSTD3125M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_08 Datasheet
440Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
NXP Semiconductors
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
   8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com