Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7904BRUZ-REEL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7904BRUZ-REEL
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7904BRUZ-REEL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7904BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 11Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 12Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 13Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 14Page - Analog Devices AD7904BRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7904/AD7914/AD7924
Rev. C | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
DIN
CS
AGND
REFIN
AVDD
AVDD
SCLK
AGND
16
15
14
13
12
11
10
9
VDRIVE
DOUT
AGND
VIN2
VIN3
VIN1
VIN0
AGND
AD7904/
AD7914/
AD7924
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
SCLK
Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part. This clock input is also
used as the clock source for the AD7904/AD7914/AD7924 conversion process.
2
DIN
Data In, Logic Input. Data to be written to the control register of the AD7904/AD7914/AD7924 is provided on
this input and is clocked into the register on the falling edge of SCLK (see the Control Register section).
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7904/AD7914/AD7924 and frames the serial data transfer.
4, 8, 13, 16
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7904/AD7914/AD7924. All analog
input signals and any external reference signal should be referred to this AGND voltage. All AGND pins should
be connected together.
5, 6
AVDD
Analog Power Supply Input. The AVDD range for the AD7904/AD7914/AD7924 is from 2.7 V to 5.25 V. For the 0 V
to 2 × REFIN range, AVDD should be from 4.75 V to 5.25 V.
7
REFIN
Reference Input for the AD7904/AD7914/AD7924. An external reference must be applied to this input. The
voltage range for the external reference is 2.5 V ± 1% for specified performance.
9, 10, 11,
12
VIN3, VIN2,
VIN1, VIN0
Analog Input 0 through Analog Input 3. The four single-ended analog input channels are multiplexed into the
on-chip track-and-hold. The analog input channel to be converted is selected using the address bits ADD1 and
ADD0 of the control register. The address bits, in conjunction with the SEQ1 and SEQ0 bits, allow the sequencer
to be programmed. The input range for all input channels can extend from 0 V to REFIN or from 0 V to 2 × REFIN
as selected via the RANGE bit in the control register. Any unused input channels should be connected to AGND
to avoid noise pickup.
14
DOUT
Data Out, Logic Output. The conversion result from the AD7904/AD7914/AD7924 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the
AD7904 consists of two leading zeros, two address bits indicating which channel the conversion result
corresponds to, followed by the eight bits of conversion data, followed by four trailing zeros, provided MSB first.
The data stream from the AD7914 consists of two leading zeros, two address bits indicating which channel the
conversion result corresponds to, followed by the 10 bits of conversion data, followed by two trailing zeros,
provided MSB first. The data stream from the AD7924 consists of two leading zeros, two address bits indicating
which channel the conversion result corresponds to, followed by the 12 bits of conversion data, provided MSB
first. The output coding can be selected as straight binary or twos complement via the CODING bit in the
control register.
15
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the voltage at which the serial interface
of the AD7904/AD7914/AD7924 operates.


Numéro de pièce similaire - AD7904BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7904BRU AD-AD7904BRU Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
More results

Description similaire - AD7904BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com