Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7893ARZ-5 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7893ARZ-5
Description  LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7893ARZ-5 Fiches technique(HTML) 1 Page - Analog Devices

  AD7893ARZ-5 Datasheet HTML 1Page - Analog Devices AD7893ARZ-5 Datasheet HTML 2Page - Analog Devices AD7893ARZ-5 Datasheet HTML 3Page - Analog Devices AD7893ARZ-5 Datasheet HTML 4Page - Analog Devices AD7893ARZ-5 Datasheet HTML 5Page - Analog Devices AD7893ARZ-5 Datasheet HTML 6Page - Analog Devices AD7893ARZ-5 Datasheet HTML 7Page - Analog Devices AD7893ARZ-5 Datasheet HTML 8Page - Analog Devices AD7893ARZ-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
AGND
VDD
DGND
SCLK
CONVST
AD7893
VIN
SDATA
REF IN
TRACK/
HOLD
*AD7893-5, AD7893-10, AD7893-3
SIGNAL
SCALING*
12-BIT
ADC
OUTPUT
REGISTER
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS 12-Bit, Serial 6 s
ADC in 8-Pin Package
AD7893
FEATURES
Fast 12-Bit ADC with 6
s Conversion Time
8-Pin Mini-DlP and SOIC
Single Supply Operation
High Speed, Easy-to-Use, Serial Interface
On-Chip Track/Hold Amplifier
Selection of Input Ranges
10 V for AD7893-10
2.5 V for AD7893-3
0 V to +2.5 V for AD7893-2
0 V to +5 V for AD7893-5
Low Power: 25 mW typ
GENERAL DESCRIPTION
The AD7893 is a fast, 12-bit ADC that operates from a single
+5 V supply and is housed in a small 8-pin mini-DIP and 8-pin
SOIC. The part contains a 6
µs successive approximation A/D
converter, an on-chip track/hold amplifier, an on-chip clock and
a high speed serial interface.
Output data from the AD7893 is provided via a high speed,
serial interface port. This two-wire serial interface has a serial
clock input and a serial data output with the external serial clock
accessing the serial data from the part.
In addition to traditional dc accuracy specifications such as lin-
earity, full-scale and offset errors, the AD7893 is also specified
for dynamic performance parameters, including harmonic dis-
tortion and signal-to-noise ratio.
The part accepts an analog input range of
±10 V (AD7893-10),
±2.5 V (AD7893-3), 0 V to +5 V (AD7893-5) or 0 V to +2.5 V
(AD7893-2) and operates from a single +5 V supply, consuming
only 25 mW typical.
The AD7893 is fabricated in Analog Devices’ Linear Compat-
ible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. The part is available in a small, 8-pin, 0.3" wide, plastic or
hermetic dual-in-line package (mini-DIP) and in an 8-pin, small
outline IC (SOIC).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
PRODUCT HIGHLIGHTS
1. Fast, 12-Bit ADC in 8-Pin Package
The AD7893 contains a 6
µs ADC, a track/hold amplifier,
control logic and a high speed serial interface, all in an 8-pin
package. This offers considerable space saving over alterna-
tive solutions.
2. Low Power, Single Supply Operation
The AD7893 operates from a single +5 V supply and con-
sumes only 25 mW. This low power, single supply operation
makes it ideal for battery powered or portable applications.
3. High Speed Serial Interface
The part provides high speed serial data and serial clock lines,
allowing for an easy, two-wire serial interface arrangement.


Numéro de pièce similaire - AD7893ARZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
More results

Description similaire - AD7893ARZ-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893_17 Datasheet
375Kb / 13P
   LC2MOS 12-Bit ADC in 8-Pin Package
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com