Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5628BRUZ-1 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5628BRUZ-1
Description  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5628BRUZ-1 Fiches technique(HTML) 5 Page - Analog Devices

  AD5628BRUZ-1 Datasheet HTML 1Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 2Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 3Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 4Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 5Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 6Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 7Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 8Page - Analog Devices AD5628BRUZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD5628/AD5648/AD5668
Rev. G | Page 5 of 32
VDD = 2.7 V to 3.6 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5628
Resolution
12
12
Bits
Relative Accuracy
±0.5
±4
±0.5
±1
LSB
See Figure 9
Differential Nonlinearity
±0.25
±0.25
LSB
Guaranteed monotonic by design
(see Figure 12)
AD5648
Resolution
14
14
Bits
Relative Accuracy
±2
±8
±2
±4
LSB
See Figure 8
Differential Nonlinearity
±0.5
±0.5
LSB
Guaranteed monotonic by design
(see Figure 11)
AD5668
Resolution
16
16
Bits
Relative Accuracy
±8
±32
±8
±16
LSB
See Figure 7
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
(see Figure 10)
Zero-Code Error
6
19
6
19
mV
All 0s loaded to DAC register (see Figure 26)
Zero-Code Error Drift
±2
±2
µV/°C
Full-Scale Error
−0.2
−1
−0.2
−1
% FSR
All 1s loaded to DAC register (see Figure 27)
Gain Error
±1
±1
% FSR
Gain Temperature Coefficient
±2.5
±2.5
ppm
Of FSR/°C
Offset Error
±6
±19
±6
±19
mV
DC Power Supply Rejection
Ratio3
–80
–80
dB
VDD ± 10%
DC Crosstalk 3
(External Reference)
10
10
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
5
5
µV/mA
Due to load current change
10
10
µV
Due to powering down (per channel)
DC Crosstalk 3
(Internal Reference)
25
25
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
10
10
µV/mA
Due to load current change
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
0.5
Short-Circuit Current
30
30
mA
VDD = 3 V
Power-Up Time
4
4
µs
Coming out of power-down mode, VDD = 3 V
REFERENCE INPUTS
Reference Current
40
55
40
55
µA
VREF = VDD = 5.5 V (per DAC channel)
Reference Input Range
0
VDD
0
VDD
Reference Input Impedance
14.6
14.6
kΩ
REFERENCE OUTPUT
Output Voltage
AD5628/AD5648/AD5668-1
1.247
1.253
1.247
1.253
V
At ambient
Reference TC3
5
15
5
15
ppm/°C
TSSOP
15
5
15
ppm/°C
LFCSP
15
ppm/°C
WLCSP
Reference Output
Impedance
7.5
7.5
kΩ


Numéro de pièce similaire - AD5628BRUZ-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5628BRUZ-1 AD-AD5628BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Description similaire - AD5628BRUZ-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com